Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAALSS0034SMB Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAALSS0034SMB
Description  Miniature Broadband Gain Stage 70 - 3000 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAALSS0034SMB Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAALSS0034SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAALSS0034SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAALSS0034SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAALSS0034SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAALSS0034SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Miniature Broadband Gain Stage
70 - 3000 MHz
Rev. V2
MAALSS0034
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: Z0 = 50 Ω, TA = 25 °C, VDD = +5 V (unless otherwise specified)
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
0.9 GHz
1.9 GHz
1.9 GHz (VDD = +3V)
3.0 GHz
dB
dB
dB
dB
—
11.0
10.5
—
14.5
12.0
11.5
9.20
—
13.0
13.0
—
Noise Figure
0.9 GHz
1.9 GHz
1.9 GHz (VDD = +3V)
3.0 GHz
dB
dB
dB
dB
—
—
—
—
1.55
1.60
1.50
1.70
—
2.0
2.0
—
Input Return Loss
0.9 GHz
1.9 GHz
3.0 GHz
dB
dB
dB
—
—
—
10
15
18
—
—
—
Output Return Loss
0.9 GHz
1.9 GHz
3.0 GHz
dB
dB
dB
—
—
—
9
14
18
—
—
—
Output P1dB
0.9 GHz
1.9 GHz
3.0 GHz
dBm
dBm
dBm
—
—
—
22
23
23
—
—
—
Output IP3
Two tone, -12 dBm/tone, 1 MHz spacing
0.9 GHz
1.9 GHz
3.0 GHz
dBm
dBm
dBm
—
—
—
33
36
37
—
—
—
Current
VDD = +5 V
VDD = +3 V
mA
mA
50
35
88
70
110
100
Component List 7, 500 - 3000 MHz
Part Value
Case
Style
Manufacturer
Purpose
C1,C2 39 pF
0402
Murata
DC Block
C3
0.1µF
0402
Murata
RF Bypass
L1
12 nH
0402
Coilcraft
RF Choke/Tuning
7. Please contact M/A-COM application group for lower
frequency application circuitry.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Application Schematic
Recommended PCB Configuration



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com