Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAALSS0034SMB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAALSS0034SMB
Description  Miniature Broadband Gain Stage 70 - 3000 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAALSS0034SMB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAALSS0034SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAALSS0034SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAALSS0034SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAALSS0034SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAALSS0034SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Miniature Broadband Gain Stage
70 - 3000 MHz
Rev. V2
MAALSS0034
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Noise Figure
• High IP
3
• Single +3 V to +5 V Supply Voltage
• Lead-Free SOT-89 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Re-flow Compatible
Description
M/A-COM’s MAALSS0034 broadband gain stage is
a GaAs MMIC amplifier in a lead-free SOT-89
surface mount plastic package. It can be operated
from a single 3 to 5 volt supply.
The MAALSS0034 employs a monolithic single-
stage self-biased design featuring a convenient 50-
ohm input impedance that minimizes the number of
external components required.
The broadband
design provides low noise figure and high IP3 from
70 to 3000 MHz.
M/A-COM fabricates the MAALSS0034 using an
E/D MESFET process to realize low noise and high
dynamic
range.
The
process
features
full
passivation for performance and reliability.
Pin Configuration
Pin
Pin Name
Description
1
RF In
RF Input
2
GND
Ground
3
RF Out/VDD
RF Output & Voltage Bias
Ordering Information1,2
Part Number
Package
MAALSS0034
Bulk Packaging
MAALSS0034TR-3000
3000 piece reel
MAALSS0034SMB
Sample Test Board
Absolute Maximum Ratings5,6
Parameter
Absolute Maximum
RF Output Power
24 dBm
Voltage
6.0 volts
Storage Temperature
-65°C to +150°C
Junction Temperature
200°C
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
5. Exceeding any one or combination of these limits may cause
permanent damage to this device.
6. M/A-COM does not recommend sustained operation near
these survivability limits.
Maximum Operating Conditions3
Parameter
Maximum Operating
Condition
RF Output Power
23 dBm
Junction Temperature
4
150°C
Operating Temperature
-40°C to +85°C
3. Operating at or within these conditions will ensure MTTF
> 1 x 10
6 hours.
4. Typical thermal resistance (
θjc) = 100°C/W.
Functional Block Diagram
Pin 1
RF In
RF Out/VDD
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.


Similar Part No. - MAALSS0034SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0034SMB MACOM-MAALSS0034SMB Datasheet
195Kb / 5P
Miniature Broadband Gain Stage 70 - 3000 MHz
More results

Similar Description - MAALSS0034SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0015 MACOM-AM50-0015 Datasheet
115Kb / 7P
Miniature Broadband Gain Stage 200 - 3000 MHz
MAALSS0012 MACOM-MAALSS0012 Datasheet
114Kb / 8P
Miniature Broadband Gain Stage 200 - 3000 MHz
MAALSS0034 MACOM-MAALSS0034 Datasheet
195Kb / 5P
Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0038 MACOM-MAALSS0038 Datasheet
264Kb / 6P
Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0012 MACOM-MAALSS0012_1 Datasheet
264Kb / 6P
Miniature Broadband Gain Stage, 70 - 3000 MHz
logo
M/A-COM Technology Solu...
MAALSS0038 MA-COM-MAALSS0038 Datasheet
214Kb / 6P
Miniature Broadband Gain Stage 70 - 3000 MHz
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
Miniature Broadband Gain Stage
MAAL-009120 MA-COM-MAAL-009120_15 Datasheet
876Kb / 11P
Miniature Broadband Gain Stage
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com