Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB119 Datasheet(PDF) 11 Page - Summit Microelectronics, Inc.

Part # SMB119
Description  Seven-Channel Programmable DC-DC Power Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB119 Datasheet(HTML) 11 Page - Summit Microelectronics, Inc.

Back Button SMB119 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMB119 Datasheet HTML 15Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
SMB119
Summit Microelectronics, Inc
11
Note 1: Contact Summit factory for other frequency settings.
Note 2: Voltage, current and frequency accuracies are only guaranteed for factory-programmed settings. Changing any of these parameters from the
values reflected in the customer specific CSIR code will result in inaccuracies exceeding those specified above.
Note 3: The SMB119 device is not intended to function as a battery pack protector. Battery packs used in conjunction with this device need to provide
adequate internal protection and to comply with the corresponding battery pack specifications.
Note 4: Guaranteed by Design and Characterization – not 100% tested in Production.
DC OPERATING CHARACTERISTICS (CONTINUED)
(Over commercial operating conditions, unless otherwise noted. All voltages are relative to GND.)
Monitoring Thresholds and Logic Inputs
VIH
Input high voltage
0.7 x
VDD_CAP
V
VIL
Input low voltage
0.3 x
VDD_CAP
V
VFB
Feedback Voltage
Reference range
Programmable in 4mV steps
0
1
V
VPBFTH
Programmable
nBATT_FAULT threshold
range
Programmable in 150 mV
increments
2.55
3.60
V
∆VPBFTH
nBATT_FAULT accuracy
VPBFTH=3.15V
-3
+4
%
VPPFTH
Programmable
POWER_FAIL threshold
range
Programmable in 150 mV
increments
2.55
3.60
V
∆VPPFTH
POWER_FAIL accuracy
VPPFTH=3.3V
-3
+4
%
-5
-10
-15
PUVTH
Programmable under
voltage threshold
Relative to nominal operating
voltage. CH1 to CH7. Note 3.
-15
-20
-25
%
5
10
15
POVTH
Programmable over voltage
threshold
Relative to nominal operating
voltage. CH1 to CH7. Note 4.
15
20
25
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com