Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM152 Datasheet(PDF) 13 Page - Summit Microelectronics, Inc.

Part # SMM152
Description  Single-channel Voltage/Current Monitors and Voltage Marginers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM152 Datasheet(HTML) 13 Page - Summit Microelectronics, Inc.

Back Button SMM152 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 17Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
SMM151/152
Preliminary Datasheet
Summit Microelectronics, Inc
2131 2.1 8/15/2008
13
FAULTS
When either of the COMP1 or COMP2 inputs are in
fault, the open-drain FAULT# output will be pulled low.
A configuration option exists to disable the FAULT#
output while the device is margining. If “Fault Output
Disabled while Margining” is selected, Faults are
disabled for all margining except when margining to the
‘Off’ and ‘Nominal’ states. Also, the programmable
feature ‘Fault Holds Off and Shutdown Control’ is
enabled only for the Nominal margin state.
Fault Latched by a Fault Condition:
The “Fault Latched by a Fault Condition” programmable
option is triggered only on the leading edge of a Fault.
That is, a latched fault can be cleared while the Fault
yet exists.
Fault Latched by Ready I/O Pin:
Fault Latched by Ready I/O pin functions on the margin
transitions from Off to Hi/Low/Nominal or from Nominal
to Hi/Low or Hi/Low to Nominal but not from
Hi/Low/Nominal to Off.
WRITE PROTECTION
Write protection for the SMM151/152 is located in a
volatile register where the power-on state is defaulted
to write protect. There are separate write protect modes
for the configuration registers and memory. In order to
remove write protection, the code 55HEX is written to the
write protection register.
Other codes will enable write protection. For example,
writing 59HEX will allow writes to the configuration
register but not to the memory, while writing 35HEX will
allow writes to the memory but not to the configuration
registers. The SMM151/152 also feature a Write
Protect pin (WP input) which, when asserted, prevents
writing to the configuration registers and EE memory.
In addition to these two forms of write protection there
is a configuration register lock bit which, once
programmed, does not allow the configuration registers
to be changed.
A2, A1, A0
The address bits A[2:0] can be hard wired High or Low
or may be left open (High-Z) to allow for a total of 21
distinct device addresses. When floating, the inputs can
tolerate the amount of leakage as described by the
specification IAIT. An external 100k pull-up or pull down
resistor is sufficient to set a High or Low logic level.
Figure 6 – Typical application schematic shows the SMM151 controlling a 12V in/1.5V out DC/DC converter.
This example, using the 1.25V VREF, also shows the COMP1/2 pins monitoring the DC/DC converter VOUT set to an OV of 1.7V on
COMP1 and a UV of 1.3V on COMP2, the voltage divider resistors are: For OV, R1 = 1.37k, 1% R3 = 3.83k, 1%, For UV, R2 = 1.02k,
1% R4 = 25.5k, 1%. The Programming Supply jumper can be used to supply the SMM151 VDD voltage from the SMX3200
programmer when the device is programmed with board power off and the controlled supply unloaded.
C4
0.47uF
FAULT#
READY
VOUT = 1.5V
R6
0.01, 1%
VDD
R1
R2
R3
R4
+Vout
1
+Sense
2
-Sense
3
-Vout
4
+Vin
7
+Vin
8
+Vin
9
Enable
11
U2
DC-DC SIE
C8
0.01uF
C9
0.01uF
MUP
C3
10uF
C12
C Load
C1
0.01uF
C10
0.1uF
C11
0.01uF
VDD
MDN
C2
0.1uF
SCL
1
A2
2
NC
3
A1
4
A0
6
Gnd
7
WP#
8
NC
9
CAPM+
10
Comp2
12
NC
22
VM+
14
NC
27
CAPM-
13
Comp1
19
Trim
20
VM-
15
MUP
24
MDN
25
VREF
26
SDA
28
U1
SMM151
R7
R Load
Gnd
1
SCL
2
Gnd3
3
SDA
4
Rsrv5
5
MR
6
+10V
7
Rsrv8
8
+5V
9
Rsrv10
10
J1
I2C
Programming Supply
12VIN
+VIN 2.7V- 5.5V
VDD
R5
2.5k
C6
0.22uF
VDD
C5
1uF
C7
0.1uF
D1
DIODE
APPLICATIONS INFORMATION (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com