Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM152 Datasheet(PDF) 16 Page - Summit Microelectronics, Inc.

Part # SMM152
Description  Single-channel Voltage/Current Monitors and Voltage Marginers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM152 Datasheet(HTML) 16 Page - Summit Microelectronics, Inc.

Back Button SMM152 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 19Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 20Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
SMM151/152
Preliminary Datasheet
Summit Microelectronics, Inc
2131 2.1 8/15/2008
16
The end user can obtain the Summit SMX3200
programming system for device prototype development.
The SMX3202 system consists of a programming
Dongle, cable and Windows
TM GUI software. It can be
ordered on the website or from a local representative.
The latest revisions of all software and an application
brief describing the SMX3202 is available from the
website (www.summitmicro.com).
The SMX3202 programming Dongle/cable interfaces
directly between a PC’s USB port and the target
application. The device is then configured on-screen via
an intuitive graphical user interface employing drop-
down menus.
The Windows GUI software will generate the data and
send it in I
2C serial bus format so that it can be directly
downloaded to the SMM151/152 via the programming
Dongle and cable. An example of the connection
interface is shown in Figure 9.
When design prototyping is complete, the software can
generate a HEX data file that should be transmitted to
Summit for approval. Summit will then assign a unique
customer ID to the HEX code and program production
devices before the final electrical test operations. This
will ensure proper device operation in the end
application.
Pin 9, 5V
Pin 7, 10V
Pin 5, Reserved
Pin 3, GND
Pin 1, GND
Pin 6, MR#
Pin 4, SDA
Pin 2, SCL
Pin 8, Reserved
Pin 10, Reserved
Top view of straight 0.1" x 0.1 closed-side
connector. SMX3202 interface cable connector.
9
7
5
3
1
10
8
6
4
2
SMM151
SMM152
SDA
SCL
VDD
GND
0.1
µF
Common
Ground
WP
D1
C1
1N4148
Positive
Supply
Jumper
Figure 9– SMX3202 Programmer I
2C serial bus connections to program the SMM151/152. The SMM151/152 have
a Write Protect pin (WP input) which, when asserted, prevents writing to the configuration registers and EE
memory. In addition, there is a configuration register lock bit, which, once programmed, does not allow the
configuration registers to be changed.
APPLICATIONS INFORMATION (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com