Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-2 Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # ST-2
Description  MINI-NOISE DIODES 10 KHZ TO 3 GHZ
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

ST-2 Datasheet(HTML) 1 Page - Micronetics, Inc.

  ST-2 Datasheet HTML 1Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MICRONETICS / 26 HAMPSHIRE DRIVE / HUDSON, NH 03051 / TEL: 603-883-2900 / FAX: 603-882-8987
WEB: WWW.MICRONETICS.COM
D
DESCRIPTION
ESCRIPTION
Micronetics' ST-2 Diode with
its small, surface mount SOT-
23 package are ideally suited
for medium and high volume
production circuits. Their
Gaussian wideband highly
stable noise characteristics
make them ideal for several
applications from built-in
Microwave receiver calibra-
tion, to A/D dithering.
P
PINOUT
INOUT
Pin 1 - Ground
Pin 2 - Bias/Noise Output
Pin 3 - N/C
See style code Z on our web-
site for additional outline
details:
http://www.micronetics.com
MINI -NOISE DIODE SPECIFICATIONS
ST-2 MINI-NOISE DIODES
10 KHZ TO 3 GHZ
MODEL
FREQUENCY
OUTPUT (1)
FLATNESS (2)
TYP BIAS (2)
TYP DC+
NUMBER
RANGE
ENR dB (min)
dB (max)
CURRENT (max)
BIAS
ST-2
10 KHz - 1 MHz
33
2.0
2-4 mA
5.2v
1 MHz – 100 MHz
30
2.0
2-4 mA
5.2v
100 MHz – 3 GHz
28
2.0
2-4 mA
5.2v
(1) ENR is measured in a 50 ohm system.
(2) Spectral response varies with bias current. Differing levels of ENR and in-band flatness
can be realized by adjusting bias current.
Application Notes:
Microwave Receiver Calibration: There are two built-in tests commonly performed with
noise. One is a straightforward noise figure or noise temperature test. The other is a spec-
tral calibration, which uses the broadband flat frequency output of the noise to test frequen-
cy response. This test typically requires a higher amplitude noise signal than the noise
temperature test and may require a gain stage to boost the signal.
A/D Converter Dithering Circuit: Sensitivity can be increased significantly when summing
low frequency noise (in the range of 10 KHz - 5 MHz depending on the A/D converter) with
the IF frequency prior to the input of the A/D Converter. The noise signal amplitude needs
to be boosted significantly from the output of the noise diode. Designers usually take two
approaches, one at 50 ohm in which standard radio frequency gain blocks are used and
the noise is combined with the signal at 50 ohms. The signal +noise is then converted to
high impedance prior to being fed into the A/D. The second uses op amps to boost the
noise signal and the noise is summed with the signal all at high impedance and fed directly
into the A/D.
Encryption: In this usage, the Gaussian output of the noise is used to generate random
numbers by sampling the voltage of the noise using an A/D converter. Frequency require-
ments are usually a function of the system parameters of the random numbers desired. As
with the dithering circuit, the noise amplitude form the diode needs to be boosted with gain.
These circuits are typically high impedance.


Similar Part No. - ST-2

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
ST-2 COPAL-ST-2 Datasheet
86Kb / 5P
SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
List of Unclassifed Man...
ST-2-10** ETC2-ST-2-10** Datasheet
362Kb / 2P
Split/TranTM ,Specialty Purpose & Class 2 Transformers ??Printed Circuit Mount
ST-2-12** ETC2-ST-2-12** Datasheet
362Kb / 2P
Split/TranTM ,Specialty Purpose & Class 2 Transformers ??Printed Circuit Mount
ST-2-120 ETC2-ST-2-120 Datasheet
362Kb / 2P
Split/TranTM ,Specialty Purpose & Class 2 Transformers ??Printed Circuit Mount
ST-2-16 ETC2-ST-2-16 Datasheet
362Kb / 2P
Split/TranTM ,Specialty Purpose & Class 2 Transformers ??Printed Circuit Mount
More results

Similar Description - ST-2

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
ST-4 MICRONETICS-ST-4 Datasheet
227Kb / 1P
MINI-NOISE DIODES 10 KHZ TO 3 GHZ
SM-1 MICRONETICS-SM-1 Datasheet
241Kb / 1P
MINI-NOISE DIODES 10 KHZ TO 100 MHZ
ST-2A MICRONETICS-ST-2A Datasheet
227Kb / 1P
MINI-NOISE DIODES 10 KHZ TO 3 GHZ
NC503SM-28 MICRONETICS-NC503SM-28 Datasheet
263Kb / 2P
Surface Mount Noise Sources 200 kHz to 2 GHz
NC504SM-12 MICRONETICS-NC504SM-12 Datasheet
263Kb / 2P
Surface Mount Noise Sources 200 kHz to 3.5 GHz
SM4 MICRONETICS-SM4 Datasheet
87Kb / 2P
Noise Diodes 10 kHz to 100 MHz
ST2A MICRONETICS-ST2A Datasheet
90Kb / 2P
Noise Diodes 10 kHz to 3000 MHz
logo
Analog Devices
HMC221B AD-HMC221B Datasheet
265Kb / 9P
GaAs, MMIC, SPDT Switch, 10 kHz to 3 GHz
REV. A
logo
Marki Microwave
BAL-0003 MARKIMICROWAVE-BAL-0003 Datasheet
643Kb / 6P
BROADBAND BALUN (200 kHz to 3 GHz)
BAL-0010 MARKIMICROWAVE-BAL-0010 Datasheet
569Kb / 6P
BROADBAND BALUN (200 kHz to 10 GHz)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com