Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX-402-ECT-KB Datasheet(PDF) 7 Page - Vectron International, Inc

Part # FX-402-ECT-KB
Description  Low Jitter Frequency Translator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FX-402-ECT-KB Datasheet(HTML) 7 Page - Vectron International, Inc

  FX-402-ECT-KB Datasheet HTML 1Page - Vectron International, Inc FX-402-ECT-KB Datasheet HTML 2Page - Vectron International, Inc FX-402-ECT-KB Datasheet HTML 3Page - Vectron International, Inc FX-402-ECT-KB Datasheet HTML 4Page - Vectron International, Inc FX-402-ECT-KB Datasheet HTML 5Page - Vectron International, Inc FX-402-ECT-KB Datasheet HTML 6Page - Vectron International, Inc FX-402-ECT-KB Datasheet HTML 7Page - Vectron International, Inc FX-402-ECT-KB Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Table 9. Standard Frequencies
0.00080000
AN
1.92000000
B1
14.8351600
DL
30.7200000
H1
52.0000000
JP
110.000000
L1
300.000000
PT
669.326582
R3
0.00100000
A1
2.00000000
B8
15.0000000
D4
30.8800000
HF
53.3300000
JU
112.000000
L2
307.200000
RX
669.642900
R1
0.00200000
AR
2.04800000
B4
15.0336000
DR
31.2500000
H8
54.7460000
JL
114.000000
L3
311.040000
P1
670.838600
R7
0.00320000
AG
2.30400000
BD
15.3600000
DW
32.0000000
H2
55.0000000
JX
120.000000
LC
312.500000
PU
672.000000
RT
0.00400000
A2
2.45760000
BJ
16.0000000
D9
32.7680000
H3
60.0000000
JR
122.880000
LB
318.750000
PV
672.156250
TX
0.00800000
A3
2.50000000
BM
16.3840000
D5
33.0000000
H7
61.3800000
KY
124.416000
L7
320.000000
PP
672.162712
R5
0.00819200
BY
2.55750000
B9
17.1840000
DE
33.3330000
HC
61.4400000
J5
125.000000
L4
322.265650
PW
673.456600
RA
0.00946900
AU
3.08800000
B6
18.4320000
D7
34.3680000
H6
62.2080000
J8
130.000000
LD
328.710950
PX
684.255400
R9
0.01000000
A6
3.24000000
BL
18.5280000
DC
34.5600000
HB
62.5000000
J9
139.264000
L5
333.257150
PY
687.700000
TV
0.01562500
AL
3.25000000
BC
18.7500000
EE
36.8640000
HG
62.9145000
LE
150.000000
M8
334.663300
RB
690.569196
R4
0.01573400
AD
3.37500000
BH
19.2000000
DD
37.0560000
H4
63.3600000
JJ
150.144000
M6
336.081350
RC
693.468750
RV
0.01575000
AC
3.84000000
B7
19.3926580
DX
37.1250000
H9
63.8976000
JN
153.600000
MA
353.676350
RD
693.482991
R6
0.01600000
A4
4.00000000
BN
19.4400000
D6
37.5000000
HK
64.0000000
JT
155.520000
M2
368.640000
RY
693.750000
R8
0.02400000
BX
4.09600000
B5
19.5312500
DZ
38.8800000
H5
64.1520000
JH
156.250000
M3
375.000000
RF
696.390625
RW
0.02500000
BR
4.19430400
CJ
19.6608000
DB
39.0625000
HH
65.5360000
J6
159.375000
M7
382.800000
RU
696.421478
V1
0.03200000
BW
5.00000000
C6
19.6989680
DK
39.3216000
HD
66.0000000
JA
160.000000
M1
400.000000
RR
696.421875
TY
0.04000000
AP
5.12000000
CD
19.7190000
DH
39.8437500
HJ
70.0000000
KB
161.132813
M4
409.600000
RE
704.380600
TG
0.04410000
AA
6.14400000
CG
19.9218750
ED
40.0000000
JF
70.6560000
KC
164.355475
M9
491.520000
PM
707.352700
TC
0.04800000
AB
6.29140000
CC
20.0000000
E2
40.2830630
KK
71.6100000
KF
166.628572
M5
500.000000
RK
707.500000
V2
0.04807700
AV
6.29145600
CF
20.1416000
E3
40.9600000
J1
73.7280000
K8
167.331646
N2
505.000000
V3
710.948600
T2
0.05000000
BT
6.31200000
C7
20.4800000
E4
41.0888870
KM
74.1250000
K1
168.040678
N3
531.000000
PH
712.520000
TW
0.06400000
A5
6.48000000
C2
20.5444340
EF
41.6571440
KP
74.1758000
KA
170.000000
N4
531.250000
P8
716.573200
T1
0.08000000
A9
6.75000000
CB
20.7135000
E1
41.6600000
LM
74.2500000
K7
172.500000
NU
568.928600
PJ
718.750000
T5
0.10000000
AH
7.68000000
C9
20.8285720
EG
41.8329130
KT
75.0000000
KH
173.370748
ND
569.196400
P9
719.734400
T3
0.12800000
AX
7.77600000
C5
20.8286000
EB
42.0000000
JB
76.8000000
K4
173.437500
NP
588.000000
RH
737.280000
TL
0.24300000
A8
8.19200000
C3
20.9165460
EH
42.0101690
KV
77.7600000
K2
176.838175
NA
595.056000
PL
739.200000
TT
0.25600000
AM
9.21600000
CH
21.0050840
EJ
42.5000000
JC
78.0000000
LH
182.016000
N8
600.000000
PR
742.500000
V4
0.32000000
AW
9.72000000
C8
22.0000000
E9
42.6600000
JZ
78.1250000
K3
182.857142
NM
614.400000
RG
748.070900
T6
0.38400000
AY
9.75000000
CE
22.1047720
EK
44.2095440
KX
78.6432000
K5
184.000000
NG
622.080000
P2
750.000000
T7
0.40000000
AF
9.83040000
C1
22.2171000
E5
44.4343000
LF
79.6875000
KG
184.320000
NH
624.693800
PD
768.000000
TN
0.48000000
AK
10.0000000
C4
22.5792000
E8
44.6218000
JW
80.0000000
K9
187.500000
N5
624.704800
P6
777.600000
T4
0.50000000
BP
10.2300000
DP
24.0000000
EC
44.7360000
J3
80.5664130
KJ
195.000000
N7
625.000000
P3
779.568600
T8
0.51200000
AJ
10.2400000
DM
24.5760000
E6
44.9280000
JE
82.1777380
KL
200.000000
NE
627.329600
P7
780.881000
TD
0.65545000
AE
10.4142850
DV
24.7040000
E7
45.1584000
JG
82.9440000
K6
200.192000
N6
629.987800
PA
781.250000
T9
0.77200000
AT
10.4582260
DU
25.0000000
F7
45.8240000
JM
83.3142880
KN
201.416020
N1
637.500000
PG
796.875000
TB
0.96000000
A7
10.4872000
DN
25.1658000
F8
46.0379460
LG
83.6658250
KR
212.500000
NF
640.000000
PN
800.000000
TK
1.00000000
BB
10.9490000
DG
25.6000000
F6
46.7200000
JK
84.0203380
KU
219.429571
NL
644.531250
P4
805.664100
TA
1.02400000
B2
10.9500000
DJ
25.9200000
F2
46.8750000
JY
86.6853740
LJ
240.000000
NR
645.120000
RJ
809.063500
TE
1.21500000
BU
11.1840000
DF
26.0000000
F3
48.0000000
JV
88.4190880
KW
243.000000
NC
647.239400
PE
819.200000
TH
1.22880000
BK
12.2880000
D8
27.0000000
F4
49.1520000
J7
95.7000000
LK
245.760000
N9
647.250800
PK
821.777300
TF
1.25000000
BG
12.3076860
DY
27.6480000
FB
49.4080000
J2
97.5000000
KE
250.000000
NT
649.970300
PF
850.000000
TJ
1.33330000
BF
12.3520000
D1
28.7040000
F1
50.0000000
JD
100.000000
L8
252.571428
NJ
657.421875
PB
983.400000
TU
1.50000000
BE
12.8000000
D2
29.4912000
F5
50.0480000
KD
105.000000
L6
256.000000
NK
665.625600
PC
1,000.0000
TM
1.53600000
BV
13.0000000
D3
29.5000000
F9
51.2000000
LL
106.250000
L9
262.144000
NB
666.514286
P5
1.54400000
B3
13.5000000
DT
30.0000000
HE
51.8400000
J4
108.000000
LA
292.571429
NN
669.128100
R2
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 7 of 8
Rev: 8/13/2009
Ordering Information



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com