Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX-402-ECT-KB Datasheet(PDF) 3 Page - Vectron International, Inc

Part # FX-402-ECT-KB
Description  Low Jitter Frequency Translator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FX-402-ECT-KB Datasheet(HTML) 3 Page - Vectron International, Inc

  FX-402-ECT-KB Datasheet HTML 1Page - Vectron International, Inc FX-402-ECT-KB Datasheet HTML 2Page - Vectron International, Inc FX-402-ECT-KB Datasheet HTML 3Page - Vectron International, Inc FX-402-ECT-KB Datasheet HTML 4Page - Vectron International, Inc FX-402-ECT-KB Datasheet HTML 5Page - Vectron International, Inc FX-402-ECT-KB Datasheet HTML 6Page - Vectron International, Inc FX-402-ECT-KB Datasheet HTML 7Page - Vectron International, Inc FX-402-ECT-KB Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Stresses in excess of the absolute maximum ratings can permanently damage the device. Functional operation is not implied
at these or any other conditions in excess of conditions represented in the operational sections of this data sheet. Exposure to
absolute maximum ratings for extended periods may adversely affect device reliability.
Although ESD protection circuitrry has been designed into the the FX-402, proper precautions should be taken when handling
and mounting. VI employs a human body model and a charged-device model (CDM) for ESD susceptibility testing and design
protection evaluation. ESD thresholds are dependent on the circuit parameters used to define the model. Although no industry
wide standard has been adopted for the CDM, a standard HBM of resistance=1.5Kohms and capacitance = 100pF is widely used
and therefore can be used for comparison purposes
The FX-402 is capable of meeting the following qualification tests
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 3 of 8
Reliability
Absolute Maximum Ratings
Table 2. Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Power Supply
V
DD
6V
Storage Temperature
T
STR
-55 to 125
0C
Soldering Tewmp/TIme
T
LS
260/40
0C/sec
Table 3. Environmental Compliance
Parameter
Conditions
Mechanical Shock
MIL-STD-883, Method 2002
Mechanical Vibration
MIL-STD-883, Method 2007
Solderability
MIL-STD-883, Method 2003
Gross and Fine Leak
MIL-STD-883, Method 1014
Resistance to Solvents
MIL-STD-883, Method 2016
Handling Precautions
Table 4. Predicted ESD R$atings
Model
Minimum
Conditions
Human Body Model
500 V
MIL-STD 883, Method 3015
Charged Device Model
500 V
JEDEC, JESD22-C101
Rev: 8/13/2009



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com