Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX-4000-RAC-B Datasheet(PDF) 1 Page - Vectron International, Inc

Part # PX-4000-RAC-B
Description  Clock Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

PX-4000-RAC-B Datasheet(HTML) 1 Page - Vectron International, Inc

  PX-4000-RAC-B Datasheet HTML 1Page - Vectron International, Inc PX-4000-RAC-B Datasheet HTML 2Page - Vectron International, Inc PX-4000-RAC-B Datasheet HTML 3Page - Vectron International, Inc PX-4000-RAC-B Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PX-400
Clock Oscillator
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Low Pro le
•
3 Point Mount Crystal
•
Frequency Range: 1 HZ to 200 MHZ
•
Previous Model: CO-401/402, CO-441/442, CO-431/451,
•
CO-432/452
Features
Applications
PX-400
Parameter
Min
Typ
Max
Units
Condition
Frequency Stabilities1
vs. operating temperature range
(referenced to +25°C)
-5
-10
-25
-50
-50
-100
-300
+5
+10
+25
+50
+50
+100
+300
ppm
ppm
ppm
ppm
ppm
ppm
ppm
0… +50°C
0… +50°C
0… +70°C (standard)
-55… +85°C
-55… +125°C
-55… +125°C
-55… +200°C (custom number required)
Initial tolerance
-50
-25
-15
-10
-1
+50
+25
+15
+10
+1
ppm
ppm
ppm
ppm
ppm
@ +25°C
@ +25°C
@ +25°C
@ +25°C
Set via external capacitor (custom number
required)
vs. aging / 1 year
vs. aging / year (following years)
-3
-2
+3
+2
ppm
ppm
after 30 days of operation
Supply Voltage (Vs)
Supply voltage (Standard)
4.75
5.0
5.25
VDC
Supply voltage (Option)
3.135
3.3
3.465
VDC
below 20 MHz
Supply voltage
-5.2
@< 45 mA to 110 MHz,
@< 70 mA above 110 MHz
Supply voltage
-4.5
@< 60 mA
Performance Speci cations


Similar Part No. - PX-4000-RAC-B

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-420 VECTRON-PX-420 Datasheet
189Kb / 4P
High Temperature Crystal Oscillator
PX-421 VECTRON-PX-421 Datasheet
1Mb / 8P
Crystal Oscillator
PX-422 VECTRON-PX-422 Datasheet
932Kb / 6P
Hybrid TTL Clock Oscillator
PX-4220-DAA-FA VECTRON-PX-4220-DAA-FA Datasheet
282Kb / 4P
Hybrid TTL Clock Oscillator
PX-4220-DAA-FB VECTRON-PX-4220-DAA-FB Datasheet
282Kb / 4P
Hybrid TTL Clock Oscillator
More results

Similar Description - PX-4000-RAC-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECS-100 ETC1-ECS-100 Datasheet
100Kb / 1P
CLOCK OSCILLATOR
FXO25TABF ETC2-FXO25TABF Datasheet
129Kb / 1P
CLOCK OSCILLATOR
CCO-014S ETC2-CCO-014S Datasheet
116Kb / 1P
Clock Oscillator
logo
Crystek Corporation
CUSO33XX CRYSTEKCRYSTAL-CUSO33XX Datasheet
111Kb / 1P
Clock Oscillator
logo
ECS, Inc.
ECS-200 ECS-ECS-200 Datasheet
100Kb / 1P
CLOCK OSCILLATOR
ECS-200X ECS-ECS-200X Datasheet
182Kb / 1P
CLOCK OSCILLATOR
logo
ON Semiconductor
NBXDBB017 ONSEMI-NBXDBB017 Datasheet
131Kb / 8P
Clock Oscillator
March, 2009 ??Rev. 2
logo
Vectron International, ...
PX-5010-EAJ105 VECTRON-PX-5010-EAJ105 Datasheet
1Mb / 7P
Clock Oscillator
PX-7010-DAJ-105 VECTRON-PX-7010-DAJ-105 Datasheet
1Mb / 7P
Clock Oscillator
logo
Advanced Crystal Techno...
90H57 ACT-90H57 Datasheet
174Kb / 2P
Clock oscillator
01/02/2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com