Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX-4000-RAC-B Datasheet(PDF) 3 Page - Vectron International, Inc

Part # PX-4000-RAC-B
Description  Clock Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

PX-4000-RAC-B Datasheet(HTML) 3 Page - Vectron International, Inc

  PX-4000-RAC-B Datasheet HTML 1Page - Vectron International, Inc PX-4000-RAC-B Datasheet HTML 2Page - Vectron International, Inc PX-4000-RAC-B Datasheet HTML 3Page - Vectron International, Inc PX-4000-RAC-B Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Dimensions in inches
Type A (4 pin)
Code
Height “H”
Pin Length “L”
0
0.2
0.2
Pin Connections (ECL, PECL)
1
No Connect
7
Supply
8
Output
14
Ground
Type A (14 pin)
Code
Height “H”
Pin Length “L”
1
0.2
0.2
Pin Connections (TTL, CMOS)
1
No Connect
7
Ground
8
Output
14
Supply
Outline Drawing / Enclosure



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com