Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM4T Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # CSM4T
Description  Termination Insensitive Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CSM4T Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  CSM4T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CSM4T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. CSM4T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Termination Insensitive Mixer
Rev. V5
CSM4T
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• LO 1 TO 3400 MHz
• RF 1 TO 3400 MHz
• IF 1 TO 2000 MHz
• LO DRIVE +10 dBm (NOMINAL)
• HIGH INTERCEPT +18 dBm (TYP.)
• +260°C REFLOW COMPATIBLE
Description
The CSM4T is a termination insensitive mixer, designed for use in
military, wireless, and test equipment applications.
The design
utilizes Schottky bridge quad diodes, broadband ferrite baluns and
internal loads to provide excellent performance without degrada-
tion due to external VSWR mismatches.
Ordering Information
Part Number
Package
CSM4T
Surface Mount
Product Image
Electrical Specifications: Z0 = 50Ω Lo = +10 dBm (Downconverter application only)
Parameter
Test Conditions
Units
Typical
Guaranteed
+25ºC
-40º to +85ºC
SSB Conversion
Loss(max)
fR = 1 to 2400 MHz, fL = 1 to 2400 MHz, fI = 1 to 2000 MHz
fR = 1 to 3400 MHz , fL = 1 to 3400 MHz , fI = 1 to 2000 MHz
dB
dB
8.0
9.0
9.0
10.0
10.5
11.5
SSB Noise Figure
dB
L - R Isolation (min)
fL = 1 to 2400 MHz
fL = 2400 to 3400 MHz
dB
35
25
25
20
24
18
L - I Isolation (min)
fL = 1 to 2400 MHz
fL = 2400 to 3400 MHz
dB
35
25
25
20
23
18
R - I Isolation (min)
fR = 1 to 3400 MHz
dB
25
1 dB Conversion Comp.
fL= +10 dBm
dBm
+7
Input IP3
fL = 100 to 3400 MHz, fI = 50 to 2000 MHz, fR = 100 to 3400 MHz
dBm
+18
R-Port VSWR
fR = 1 to 3400 MHz
2.0:1
L-Port VSWR
fL = 1 to 3400 MHz
2.0:1
I-Port VSWR
fI = 1 to 2000 MHz
2.0:1
Within 1 dB of conversion loss


Similar Part No. - CSM4T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CSM4T MACOM-CSM4T Datasheet
213Kb / 3P
Termination Insensitive Mixer
logo
M/A-COM Technology Solu...
CSM4T MA-COM-CSM4T Datasheet
100Kb / 3P
Termination Insensitive Mixer
logo
List of Unclassifed Man...
CSM4T17 ETC1-CSM4T17 Datasheet
65Kb / 2P
TERMINATION INSENSITIVE MIXER
logo
Tyco Electronics
CSM4T17 MACOM-CSM4T17 Datasheet
197Kb / 3P
Termination Insensitive Mixer
logo
M/A-COM Technology Solu...
CSM4T17 MA-COM-CSM4T17 Datasheet
86Kb / 3P
Termination Insensitive Mixer
More results

Similar Description - CSM4T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CSM4TH MACOM-CSM4TH Datasheet
186Kb / 3P
Termination Insensitive Mixer
logo
M/A-COM Technology Solu...
CSM4T17 MA-COM-CSM4T17 Datasheet
86Kb / 3P
Termination Insensitive Mixer
MDC-164 MA-COM-MDC-164 Datasheet
79Kb / 3P
Termination-Insensitive Mixer, Termination-Insensitive Mixer,
MDS-158 MA-COM-MDS-158 Datasheet
106Kb / 3P
Termination Insensitive Mixer
CSM4T MA-COM-CSM4T Datasheet
100Kb / 3P
Termination Insensitive Mixer
MD_MDC_MDS-158 MA-COM-MD_MDC_MDS-158 Datasheet
106Kb / 3P
Termination Insensitive Mixer
MD-161 MA-COM-MD-161 Datasheet
109Kb / 3P
Termination Insensitive Mixer
MD-MDC-MDS-169 MA-COM-MD-MDC-MDS-169_15 Datasheet
105Kb / 4P
Termination Insensitive Mixer
CSM4TH MA-COM-CSM4TH_15 Datasheet
525Kb / 4P
Termination Insensitive Mixer
MD-179 MA-COM-MD-179 Datasheet
721Kb / 4P
Termination Insensitive Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com