Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FF19CE-18B-R11BP Datasheet(PDF) 3 Page - DDK Ltd.

Part # FF19CE-18B-R11BP
Description  0.4 mm Pitch Back-Lock FPC Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

FF19CE-18B-R11BP Datasheet(HTML) 3 Page - DDK Ltd.

  FF19CE-18B-R11BP Datasheet HTML 1Page - DDK Ltd. FF19CE-18B-R11BP Datasheet HTML 2Page - DDK Ltd. FF19CE-18B-R11BP Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Unit:mm
FF19CE Series
http://www.ddknet.co.jp
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
3
■ Quantity:2000pcs./reel, 10 reels/Carton
■ Reel Dimensions
■ Emboss Tape Dimensions
User direction of feed
User direction to feed
400mm min.
Tailer:90 Pockets min.
Leader:10 Pockets
2000 Pockets
Empty component pockets
sealed with cover tape.
Empty component pockets
sealed with cover tape.
Section D-D
Section E-E
24.00
12.00
2.000.10
1.35
4.00
E
E
D
D
C
C
B
B
2.70
Section B-B
Section C-C
○ Package Specifications



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com