Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FF19CE-18B-R11BP Datasheet(PDF) 1 Page - DDK Ltd.

Part # FF19CE-18B-R11BP
Description  0.4 mm Pitch Back-Lock FPC Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

FF19CE-18B-R11BP Datasheet(HTML) 1 Page - DDK Ltd.

  FF19CE-18B-R11BP Datasheet HTML 1Page - DDK Ltd. FF19CE-18B-R11BP Datasheet HTML 2Page - DDK Ltd. FF19CE-18B-R11BP Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
FF19CE Series 【CE-ATA 8Bit Standard】
RoHS
Compliant
RoHS
Compliant
090803
0.4 mm Pitch Back-Lock FPC Connector
・FF19CE series is a FPC connector which is
0.4mm pitch,1.25mm height and 4.21mm depth.
・It is interface connector for smaller than 1.8" HDD.
・Conforming to CE-ATA 8bit standard (HDD side)
・Front-acccess back lock design is short depth and
suitable to compact device.
・Cable lock mechanism retains FPC.
・Mid-mounting design which is mounted across the PCB enables to operate the lock lever
 from reverse side.
・Connectors deliver with the lock lever opened. Time saving for FPC inserting operation.
・Both upper and lower contacts design accepts any FPC inserting directions.
・Back lock mechanism enables to retain FPC against pulling upward direction.
・The lock lever does not fall down to the opposite side.
・Board lock pins prevent the mounting gap.
・Nickel barrier prevents solder wicking.
Portable HDD
Rated Voltage
50V AC(r.m.s.)
Rated Current
0.5A / Contact
Dielectric Withstanding Voltage 200V AC(r.m.s.) / 1 minute
Insulation Resistance
100 MΩ min. at 500V DC
Contact Resistance
50m Ω max.
Item
Material / Finish
Contact
Copper Alloy /Au(Flash) over Ni Plating
Housing
LCP Resin (UL94V-0) / Ivory
Lock Lever
PPS Resin (UL94V-0) / Black
OUTLINE
FEATURE
APPLICATIONS
SPECIFICATIONS
MATERIAL/FINISH


Similar Part No. - FF19CE-18B-R11BP

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FF1 GOOD-ARK-FF1 Datasheet
192Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifier
logo
Kemet Corporation
FF1(200)-240X80T0800 KEMET-FF1(200)-240X80T0800 Datasheet
54Kb / 1P
KEMET, FF1, Flex Suppressors, Noise Suppression
FF1(300)-120X120T0800 KEMET-FF1(300)-120X120T0800 Datasheet
53Kb / 1P
KEMET, FF1, Flex Suppressors, Noise Suppression
FF1(300)-240X240T0800 KEMET-FF1(300)-240X240T0800 Datasheet
54Kb / 1P
KEMET, FF1, Flex Suppressors, Commercial Grade
FF1(300)-240X80T0800 KEMET-FF1(300)-240X80T0800 Datasheet
54Kb / 1P
KEMET, FF1, Flex Suppressors, Noise Suppression
More results

Similar Description - FF19CE-18B-R11BP

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XF2H OMRON-XF2H Datasheet
312Kb / 6P
0.5 mm-Pitch Rotary-Lock FPC Connector
logo
DDK Ltd.
FF20-8A-R11A DDK-FF20-8A-R11A Datasheet
178Kb / 3P
0.3 mm Pitch Ultra Low Profile FPC Back Lock Connector
FF22E-084B-R13A DDK-FF22E-084B-R13A Datasheet
244Kb / 3P
0.3mm Pitch Solid Back Lock FPC Connector
FF34-18A-R11B DDK-FF34-18A-R11B Datasheet
197Kb / 3P
0.4 mm Pitch Back-Lock FPC Connector
logo
Omron Electronics LLC
XB4A OMRON-XB4A Datasheet
562Kb / 6P
0.4-mm Pitch Board to FPC Connector
XB4A OMRON-XB4A_1 Datasheet
387Kb / 3P
0.4-mm Pitch Board to FPC Connector
XB4A OMRON-XB4A_11 Datasheet
511Kb / 6P
0.4-mm Pitch Board to FPC Connector
logo
Hirose Electric
FH39 HIROSE-FH39 Datasheet
149Kb / 1P
0.3 mm Pitch, 1.1 mm Height, Top/Bottom Contact, Back Flip FPC Connector
logo
Panasonic Semiconductor
AYF530435 PANASONIC-AYF530435 Datasheet
342Kb / 6P
FPC connectors (0.5mm pitch) Back lock Y5B/Y5BW Series
AYF330735 PANASONIC-AYF330735 Datasheet
572Kb / 10P
FPC connectors (0.3mm pitch) Back lock Y3B/Y3BW Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com