Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FF20-21A-R11A Datasheet(PDF) 3 Page - DDK Ltd.

Part # FF20-21A-R11A
Description  0.3 mm Pitch Ultra Low Profile FPC Back Lock Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

FF20-21A-R11A Datasheet(HTML) 3 Page - DDK Ltd.

  FF20-21A-R11A Datasheet HTML 1Page - DDK Ltd. FF20-21A-R11A Datasheet HTML 2Page - DDK Ltd. FF20-21A-R11A Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
http://www.ddknet.co.jp
Unit:mm
FF20 Series
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
○Ultra Low Profile Back Lock Connector
Part Number
Number of
Contact
ABC
D
FF20-8A-R11A
8
3.80
2,10
2.75
2.70
FF20-9A-R11A
9
4.10
2.40
3.05
3.00
FF20-10A-R11A
10
4.40
2.70
3.35
3.30
FF20-11A-R11A
11
4.70
3.00
3.65
3.60
FF20-12A-R11A
12
5.00
3.30
3.95
3.90
FF20-13A-R11A
13
5.30
3.60
4.25
4.20
FF20-14A-R11A
14
5.60
3.90
4.55
4.50
FF20-15A-R11A
15
5.90
4.20
4.85
4.80
FF20-16A-R11A
16
6.20
4.50
5.15
5.10
FF20-17A-R11A
17
6.50
4.80
5.45
5.40
FF20-18A-R11A
18
5.80
5.10
5.75
5.70
FF20-19A-R11A
19
7.10
5.40
6.05
6.00
FF20-20A-R11A
20
7.40
5.70
6.35
6.30
FF20-21A-R11A
21
7.70
6.00
6.65
6.60
FF20-22A-R11A
22
8.00
6.30
6.95
6.90
FF20-23A-R11A
23
8.30
6.60
7.25
7.20
FF20-24A-R11A
24
8.60
6.90
7.55
7.50
FF20-25A-R11A
25
8.90
7.20
7.85
7.80
FF20-26A-R11A
26
9.20
7.50
8.15
8.10
FF20-27A-R11A
27
9.50
7.80
8.45
8.40
FF20-28A-R11A
28
9.80
8.10
8.75
8.70
FF20-29A-R11A
29
10.10
8.40
9.05
9.00
FF20-30A-R11A
30
10.40
8.70
9.35
9.30
FF20-31A-R11A
31
10.70
9.00
9.65
9.60
FF20-32A-R11A
32
11.00
9.30
9.95
9.90
FF20-33A-R11A
33
11.30
9.60
10.25
10.20
FF20-34A-R11A
34
11.60
9.90
10.55
10.50
FF20-35A-R11A
35
11.90
10.20
10.85
10.80
FF20-36A-R11A
36
12.20
10.50
11.15
11.10
FF20-37A-R11A
37
12.50
10.80
11.45
11.40
FF20-38A-R11A
38
12.80
11.10
11.75
11.70
FF20-39A-R11A
39
13.10
11.40
12.05
12.00
FF20-40A-R11A
40
13.40
11.70
12.35
12.30
Table-1
Recommended PCB
Mounting Dimensions
Recommended FPC
Dimensions
B 0.03
Lock Lever
Mating side
0.30 0.02
0.60 0.03
0.30 0.03
0.60 0.03
0.30 0.02
No.(n) Contact
No.(n-1) Contact
No.2 Contact
No.1 Contact
Connector
Outside Line
Lock Lever
Mating side
No.(n) Contact
No.(n-1) Contact
0.30 0.02
0.60 0.03
0.30 0.02
0.30 0.03
0.60 0.03
B 0.03
No.2 Contact
No.1 Contact
Connector
Outside Line
B 0.03
0.30 0.07
D 0.05
0.30 0.07
0.30 0.02
0.60 0.02
0.30 0.03
0.10 0.03
0.10 0.03
0.30 0.03
0.12 0.03
Supporting Tape
No.(n) Contact
No.1 Contact
Supporting Tape
0.12 0.03
0.10 0.03
0.10 0.03
0.30 0.03
No.(n) Contact
No.1 Contact
0.30 0.07
0.30 0.07
0.30 0.02
0.60 0.02
B 0.03
D 0.05
0.30 0.03
* Regarding the number of contact, please contact our sales.
3
Odd Number of Contact
Even Number of Contact



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com