Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FF20-21A-R11A Datasheet(PDF) 1 Page - DDK Ltd.

Part # FF20-21A-R11A
Description  0.3 mm Pitch Ultra Low Profile FPC Back Lock Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

FF20-21A-R11A Datasheet(HTML) 1 Page - DDK Ltd.

  FF20-21A-R11A Datasheet HTML 1Page - DDK Ltd. FF20-21A-R11A Datasheet HTML 2Page - DDK Ltd. FF20-21A-R11A Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
FF20 Series
0.3 mm Pitch Ultra Low Profile
FF20 series is 0.3mm pitch, depth 3.80mm,
and 0.66mm connector height. Ultra low profile
FPC connector.
Item
Material / Finish
Contact
Copper Alloy / Au(Flash) over Ni Plating
Housing
LCP Resin (UL94V-0) / Black
Lock Lever
PPS Resin (UL94V-0) / Brown
Please do not close a lock lever without inserting FPC.
RoHS
Compliant
RoHS
Compliant
Rated Voltage
50V AC(r.m.s.)
Rated Current
0.2A / Contact
Dielectric Withstanding Voltage
200V AC (r.m.s.) / 1 minute
Insulation Resistance
50 MΩ(min.) at 250V DC
Contact Resistance
50m Ω (max.)
SPECIFICATIONS
MATERIAL//FINISH
Mobile Phone, Portable PC, PDA and other Portable Device
APPLICATIONS
・DDK's original rotate oval cam lock mechanism; "Back-lock" system ensure the reliable
connection.
・Contact position is upper contact.
・Back-lock structure enables to retain FPC against pulling upward direction.
・Connectors deliver with the lock lever opened. Time saving for FPC inserting operation.
FEATURE
OUTLINE
090703
FPC Back Lock Connector


Similar Part No. - FF20-21A-R11A

ManufacturerPart #DatasheetDescription
logo
LEDTRONICS, INC
FF200 LEDTRONICS-FF200 Datasheet
4Mb / 28P
Miniature Based LED Lamps
FF200-0AG-006B LEDTRONICS-FF200-0AG-006B Datasheet
2Mb / 28P
Miniature Based LED Lamps
FF200-0AG-006B LEDTRONICS-FF200-0AG-006B Datasheet
4Mb / 28P
Miniature Based LED Lamps
FF200-0AG-014B LEDTRONICS-FF200-0AG-014B Datasheet
2Mb / 28P
Miniature Based LED Lamps
FF200-0AG-014B LEDTRONICS-FF200-0AG-014B Datasheet
4Mb / 28P
Miniature Based LED Lamps
More results

Similar Description - FF20-21A-R11A

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
FF19CE-18B-R11BP DDK-FF19CE-18B-R11BP Datasheet
199Kb / 3P
0.4 mm Pitch Back-Lock FPC Connector
FF22E-084B-R13A DDK-FF22E-084B-R13A Datasheet
244Kb / 3P
0.3mm Pitch Solid Back Lock FPC Connector
FF34-18A-R11B DDK-FF34-18A-R11B Datasheet
197Kb / 3P
0.4 mm Pitch Back-Lock FPC Connector
logo
Hirose Electric
FH39 HIROSE-FH39 Datasheet
149Kb / 1P
0.3 mm Pitch, 1.1 mm Height, Top/Bottom Contact, Back Flip FPC Connector
logo
Molex Electronics Ltd.
SD-502598-001 MOLEX5-SD-502598-001 Datasheet
647Kb / 6P
0.3 FPC CONN, BACK FLIP HOUSING ASSY
SD-502598-003 MOLEX5-SD-502598-003 Datasheet
408Kb / 4P
0.3 FPC CONN, BACK FLIP HOUSING ASSY
SD-502598-001 MOLEX11-SD-502598-001_13 Datasheet
647Kb / 6P
0.3 FPC CONN, BACK FLIP HOUSING ASSY
SD-502598-003 MOLEX11-SD-502598-003_13 Datasheet
408Kb / 4P
0.3 FPC CONN, BACK FLIP HOUSING ASSY
logo
Hirose Electric
FH35C HIROSE-FH35C Datasheet
368Kb / 12P
0.3 mm pitch, 0.9 mm height, back flip type dual-sided FPC connector
logo
Molex Electronics Ltd.
5047540000 MOLEX-5047540000 Datasheet
676Kb / 17P
0.3 mm PITCH FPC CONN. BACK FLIP (RIGHT ANGLE TYPE) LOW-HALOGEN
Rev. A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com