Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS5540C Datasheet(PDF) 2 Page - Intersema Sensoric SA

Part # MS5540C
Description  MINIATURE BAROMETER MODULE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSEMA [Intersema Sensoric SA]
Direct Link  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS5540C Datasheet(HTML) 2 Page - Intersema Sensoric SA

  MS5540C Datasheet HTML 1Page - Intersema Sensoric SA MS5540C Datasheet HTML 2Page - Intersema Sensoric SA MS5540C Datasheet HTML 3Page - Intersema Sensoric SA MS5540C Datasheet HTML 4Page - Intersema Sensoric SA MS5540C Datasheet HTML 5Page - Intersema Sensoric SA MS5540C Datasheet HTML 6Page - Intersema Sensoric SA MS5540C Datasheet HTML 7Page - Intersema Sensoric SA MS5540C Datasheet HTML 8Page - Intersema Sensoric SA MS5540C Datasheet HTML 9Page - Intersema Sensoric SA Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
DA5540C_003
June 16th, 2008
2
0005540C1193 ECN 1118
PIN CONFIGURATION
Fig. 2: Pin configuration of MS5540C.
Pin Name
Pin
Type
Function
SCLK
1
I
Serial data clock
GND
2
G
Ground
PV (1)
3
N
Negative programming voltage
PEN (1)
4
I
Programming enable
VDD
5
P
Positive supply voltage
MCLK
6
I
Master clock (32.768 kHz)
DIN
7
I
Serial data input
DOUT
8
O
Serial data output
NOTE
1) Pin 3 (PV) and PIN 4 (PEN) are only used by the manufacturer for calibration purposes and should not be
connected.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Min
Max
Unit
Notes
Supply voltage
VDD
Ta = 25
oC
-0.3
4
V
Storage temperature
TS
-40
+85
oC
1
Overpressure
P
Ta = 25
oC
10
bar
2
NOTES
1) Storage and operation in an environment of dry and non-corrosive gases.
2) The MS5540C is qualified referring to the ISO Standard 2281 and can withstand an absolute pressure of 11
bar in salt water or 100 m water respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com