Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS5540C Datasheet(PDF) 1 Page - Intersema Sensoric SA

Part # MS5540C
Description  MINIATURE BAROMETER MODULE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSEMA [Intersema Sensoric SA]
Direct Link  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS5540C Datasheet(HTML) 1 Page - Intersema Sensoric SA

  MS5540C Datasheet HTML 1Page - Intersema Sensoric SA MS5540C Datasheet HTML 2Page - Intersema Sensoric SA MS5540C Datasheet HTML 3Page - Intersema Sensoric SA MS5540C Datasheet HTML 4Page - Intersema Sensoric SA MS5540C Datasheet HTML 5Page - Intersema Sensoric SA MS5540C Datasheet HTML 6Page - Intersema Sensoric SA MS5540C Datasheet HTML 7Page - Intersema Sensoric SA MS5540C Datasheet HTML 8Page - Intersema Sensoric SA MS5540C Datasheet HTML 9Page - Intersema Sensoric SA Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DA5540C_003
June 16th, 2008
1
0005540C1193 ECN 1118
MS5540C (RoHS
*) MINIATURE BAROMETER MODULE
•
10 - 1100 mbar absolute pressure range
•
6 coefficients for software compensation stored
on-chip
•
Piezoresistive silicon micromachined sensor
•
Integrated miniature pressure sensor 6.2 x 6.4 mm
•
16 Bit ADC
•
3-wire serial interface
•
1 system clock line (32.768 kHz)
•
Low voltage and low power consumption
•
RoHS-compatible & Pb-free*
DESCRIPTION
The MS5540C is a SMD-hybrid device including a precision piezoresistive pressure sensor and an ADC-
Interface IC. It is a miniature version of the MS5534C barometer/altimeter module and provides a 16 Bit data
word from a pressure and temperature dependent voltage. MS5540C is a low power, low voltage device with
automatic power down (ON/OFF) switching. A 3-wire interface is used for all communications with a micro-
controller.
Compared to MS5534A the pressure range (measurement down to 10 mbar) has been improved. The MS5540C
is fully software compatible to the MS5534C and previous versions of MS5540. In addition, the MS5540C is from
its outer dimensions compatible to the MS54XX series of pressure sensors. Compared to the previous version
the ESD sensitivity level has been improved to 4kV on all pins. The gel protection of the sensor provides a water
protection sufficient for 100 m waterproof watches without any additional protection.
FEATURES
APPLICATIONS
•
Resolution 0.1 mbar
•
Mobile altimeter/barometer systems
•
Supply voltage 2.2 V to 3.6 V
•
Weather control systems
•
Low supply current < 5 µA
•
Adventure or multi-mode watches
•
Standby current < 0.1 µA
•
GPS receivers
•
-40°C to +85°C operation temperature
•
No external components required
BLOCK DIAGRAM
VDD
GND
MCLK
SCLK
DOUT
DIN
Input MUX
ADC
Digital
Interface
Memory
(PROM)
64 bits
SENSOR
SGND
+IN
-IN
dig.
Filter
Sensor
Interface IC
Fig. 1: Block diagram MS5540C.
* The European RoHS directive 2002/95/EC (Restriction of the use of certain Hazardous Substances in electrical and electronic equipment)
bans the use of lead, mercury, cadmium, hexavalent chromium and polybrominated biphenyls (PBB) or polybrominated diphenyl ethers
(PBDE).


Similar Part No. - MS5540C

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MS5540C TEC-MS5540C Datasheet
366Kb / 20P
6 coefficients for software compensation stored on-chip
More results

Similar Description - MS5540C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS5534B ETC-MS5534B Datasheet
1,015Kb / 21P
BAROMETER MODULE
MS5534AP ETC1-MS5534AP Datasheet
258Kb / 21P
BAROMETER MODULE
logo
Intersema Sensoric SA
MS5534B INTERSEMA-MS5534B_1 Datasheet
958Kb / 21P
BAROMETER MODULE
MS5540B INTERSEMA-MS5540B Datasheet
370Kb / 18P
MINIATURE BAROMETER MODULE
MS5534C INTERSEMA-MS5534C Datasheet
769Kb / 21P
BAROMETER MODULE
logo
Freescale Semiconductor...
MPL115A1 FREESCALE-MPL115A1 Datasheet
125Kb / 8P
Miniature SPI Digital Barometer
MPL115A2 FREESCALE-MPL115A2 Datasheet
116Kb / 8P
Miniature I2C Digital Barometer
MPL115A2 FREESCALE-MPL115A2_10 Datasheet
216Kb / 8P
Miniature I2C Digital Barometer
MPL115A1 FREESCALE-MPL115A1_13 Datasheet
331Kb / 16P
Miniature SPI Digital Barometer
MPL115A2 FREESCALE-MPL115A2_13 Datasheet
218Kb / 16P
Miniature I2C Digital Barometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com