Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MACP-009736-CD01TB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MACP-009736-CD01TB
Description  E-Series Coupler 5 to 1000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MACP-009736-CD01TB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MACP-009736-CD01TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MACP-009736-CD01TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MACP-009736-CD01TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
E-Series Coupler
5 to 1000 MHz
Rev. V2
MACP-009736-CD0160
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
RELEASED
Features
• Surface Mount
• Typical Coupling 13dB
• RoHS* Compliant, lead free
• RoHS version of EMDC-13-1-75
• 260°C Reflow Compatible
• Available on Tape and Reel
Pin No.
Function
1
Coupled
2
Ground
3
Input
4
Output
5
External 75
Pin Configuration
Schematic
Electrical Specifications@ 25°C
Frequency Range 5 - 1000 MHz
Units
Nominal
Typical
Minimum
Maximum
Mainline Loss
5 - 50 MHz
50 - 500 MHz
500 - 1000 MHz
dB
dB
dB
—
—
—
1.5
1.3
1.3
—
—
—
2.2
2.0
2.0
Coupling
5 - 1000 MHz
dB
13 ± 1.1
—
—
—
Coupling Flatness
dB
—
—
—
0.9
Directivity
5 - 50 MHz
50 - 500 MHz
500 - 1000 MHz
dB
dB
dB
—
—
—
25
20
13
20
15
7
—
—
—
Return Loss, all Ports
5 - 1000 MHz
dB
—
14
8
—


Similar Part No. - MACP-009736-CD01TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MACP-009736-CD01TB MA-COM-MACP-009736-CD01TB Datasheet
362Kb / 4P
E-Series Coupler
More results

Similar Description - MACP-009736-CD01TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ELDC-12 MACOM-ELDC-12 Datasheet
164Kb / 2P
E-Series 75 Ohm Coupler 5 - 1000 MHz
EMDC-10-1-75 MACOM-EMDC-10-1-75 Datasheet
57Kb / 1P
E-Series Coupler 5 - 1000 MHz
EMDC-10-1 MACOM-EMDC-10-1 Datasheet
57Kb / 1P
E-Series Coupler 5 - 1000 MHz
EMDC-13-2 MACOM-EMDC-13-2 Datasheet
57Kb / 1P
E-Series Coupler 5 - 1000 MHz
EMDC-17-1-75 MACOM-EMDC-17-1-75 Datasheet
57Kb / 1P
E-Series Coupler 5 - 1000 MHz
ELDC-8 MACOM-ELDC-8 Datasheet
165Kb / 2P
E-Series 75Ohm Coupler 5-1000 MHz
EMDC-10-1 MACOM-EMDC-10-1_1 Datasheet
56Kb / 2P
E-Series Coupler 5-1000 MHz
ESDC-17-3-75 MACOM-ESDC-17-3-75 Datasheet
104Kb / 1P
E-Series Coupler 5-1000 MHz
logo
M/A-COM Technology Solu...
MACP-009596-CA0160 MA-COM-MACP-009596-CA0160 Datasheet
132Kb / 3P
E-Series Coupler 5 to 1000 MHz
EMDC-10-1 MA-COM-EMDC-10-1 Datasheet
45Kb / 2P
E-Series Coupler 5 - 1000 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com