Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MACP-009736-CD01TB Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MACP-009736-CD01TB
Description  E-Series Coupler 5 to 1000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MACP-009736-CD01TB Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MACP-009736-CD01TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MACP-009736-CD01TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MACP-009736-CD01TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
E-Series Coupler
5 to 1000 MHz
Rev. V2
MACP-009736-CD0160
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
RELEASED
Typical Performance Curves: TA = 25°C, 0dBm, Z0 = 75 , Pin = 0dBm
Main Line Loss
Coupling
Return Loss: Output
-30
-25
-20
-15
-10
-5
0
5
116
226
337
447
558
668
779
889
1000
Frequency (MHz)
-30
-25
-20
-15
-10
-5
0
5
116
226
337
447
558
668
779
889
1000
Frequency (MHz)
-14.0
-13.8
-13.6
-13.4
-13.2
-13.0
-12.8
-12.6
-12.4
-12.2
-12.0
5
116
226
337
447
558
668
779
889
1000
Frequency (MHz)
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
5
116
226
337
447
558
668
779
889
1000
Frequency (MHz)
Return Loss: Input
Return Loss: Coupled
Directivity
-30
-25
-20
-15
-10
-5
0
5
116
226
337
447
558
668
779
889
1000
Frequency (MHz)
-30
-25
-20
-15
-10
-5
0
5
116
226
337
447
558
668
779
889
1000
Frequency (MHz)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com