Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMDCC0002 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAMDCC0002
Description  Vector Modulator, 1.805 to 1.88 GHz (DCS) and 1.93 to 1.99 GHz (PCS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMDCC0002 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAMDCC0002 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Vector Modulator,
1.805 to 1.88 GHz (DCS) and 1.93 to 1.99 GHz (PCS)
Rev. V3
MAMDCC0002
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50Ω
Parameter
Test Conditions
Units
Min
Typ
Max
Frequency
DCS Band
PCS Band
GHz
GHz
1.805
1.93
—
—
1.88
1.99
Impedance
—
Ohms
—
50
—
Reference Loss
Z = 50 Ohms
dB
-12.5
—
-10.0
Attenuation Range
Z = 50 Ohms
Above Reference Loss
dB
10
—
—
Phase Shift Range
Z = 50 Ohms, Over minimum
Attenuation Range
deg
0
—
360
Amplitude Ripple
Z = 50 Ohms, Ref Loss
Z = 50 Ohms, 5 dB above Ref Loss
Z = 50 Ohms, 10 dB above Ref Loss
dB
dB
dB
—
—
—
±0.07
±0.07
±0.09
±0.15
±0.20
±0.20
Deviation from Linear Phase
Z = 50 Ohms, Ref Loss
Z = 50 Ohms, 5 dB above Ref Loss
Z = 50 Ohms, 10 dB above Ref Loss
deg
deg
deg
—
—
—
±0.15
±0.25
±0.15
±0.5
±0.5
±0.5
Return Loss - Input
Return Loss - Output
Over 10 dB Attenuation Range
dB
dB
15
14
—
—
—
—
Input IP3
Over 10 dB Attenuation Range
dBm
—
+41
—
Input P1dB
Over 10 dB Attenuation Range
dBm
—
+29
—
Noise Figure
Over 10 dB Attenuation Range
dB
—
—
Note 1
Switching Speed
50% Control to 10% / 90% RF
ns
—
500
—
I Supply
—
mA
—
—
25
1. Noise figure is approximately equal to the absolute attenuation.
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
Max. Input Power
1.7 to 2.1 GHz
Other Frequencies
+30 dBm
+24 dBm
DC Voltages
4
Vbias1 or Vbasis2
+1.0V
DC Current
50 mA Max per Bias
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +125°C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
4. Note that external dropping resistors are required to limit the
current and voltage on the PIN diodes.
Recommended PCB Configuration



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com