Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMDCC0002 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAMDCC0002
Description  Vector Modulator, 1.805 to 1.88 GHz (DCS) and 1.93 to 1.99 GHz (PCS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMDCC0002 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAMDCC0002 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Vector Modulator,
1.805 to 1.88 GHz (DCS) and 1.93 to 1.99 GHz (PCS)
Rev. V3
MAMDCC0002
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Phase and Attenuation of MAMDCC0002, Vector Modulator Linearized with
MADRCC0002 Dual Linearizer
5,6,7,8
bias 1 = 0.0V
0.5V
1.0V
1.5V
2.0V
2.5V
3.0V
3.5V
bias 1 = 5.0V
bias 2 = 0.0V
0.5V
bias 2 = 5.0V
3.5V
3.0V
2.5V
2.0V
1.5V
1.0V
(y)
90°
(x)
45°
Figure 1B
bias 1 = 0V
bias 2 = 0V
bias 1 = 0V
bias 2 = +5V
(y)
90°
(x)
45°
bias 1 = +5V
bias 2 = +5V
bias 1 = +5V
bias 2 = 0V
Reflection
coefficient = 0.6
Loss = 21.5 dB
Loss = 16.5 dB
Loss = 11.5 dB
5. Tic marks on x,y axes refer to reflection coefficient in increments of 0.1V. Reflection coefficients vary from -0.6 to +0.6 on both
the x and y axes.
6. Data is for vector modulators driven by linearizers. See Application Note AN3001.
7. Inputs to the linearizers vary from 0 to 5V.
8. The phase with the inputs to both linearizers set to +5V is arbitrarily called zero degrees.
Figure 1A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com