Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMUCT0021 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAMUCT0021
Description  CATV Amplifier Splitter Module 50 - 860 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMUCT0021 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAMUCT0021 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMUCT0021 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMUCT0021 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAMUCT0021 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
•
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
•
India Tel: +91.80.43537383
•
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
CATV Amplifier Splitter Module
50 - 860 MHz
RoHS Compliant
Rev. V1
MAMUCT0021
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Freq: 50 - 860 MHz, VDD = +5 Volts, Z0 = 75 Ω
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
IN-OUT1, IN-OUT2
dB
4
5
6.8
Gain
IN-OUT3
dB
7.6
8.5
9.8
Gain Unbalance
IN-OUT1 vs IN-OUT2
dB
—
0.6
—
Gain Flatness
IN-OUT1/2
dB
0
1.1
1.6
Gain Flatness
IN-OUT 3
dB
0
0.8
1
Noise Figure
IN-OUT1, IN-OUT2
50 – 150 MHz
150 – 860 MHz
dB
dB
—
—
3.7
3.4
—
—
Noise Figure
IN-OUT 3
50 – 150 MHz
150 – 860 MHz
dB
dB
—
—
3.4
3.0
—
—
Return Loss
IN
dB
—
15
—
Return Loss
OUT
dB
—
17
—
Isolation
OUT-OUT
dB
—
24
—-
Composite Triple Beat, CTB
135 channels, +13 dBmV/channel at the input
dBc
—
-78
-70
Composite Second Order, CSO
135 channels, +13 dBmV/channel at the input
dBc
—
-78
-70
Cross modulation
135 channels, +13 dBmV/channel at the input
dBc
—
-66
—
IDD
VDD = + 5 Volts
mA
—
200
225



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com