Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMUCT0021 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAMUCT0021
Description  CATV Amplifier Splitter Module 50 - 860 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMUCT0021 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAMUCT0021 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMUCT0021 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMUCT0021 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAMUCT0021 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
•
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
•
India Tel: +91.80.43537383
•
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
CATV Amplifier Splitter Module
50 - 860 MHz
RoHS Compliant
Rev. V1
MAMUCT0021
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
In – Out 2
Noise Figure
In – Out 1
In – Out 3
Isolation
Typical Performance Curves
3
4
5
6
7
8
0
200
400
600
800
1000
-40°C
+25°C
+85°C
Frequency (MHz)
3
4
5
6
7
8
0
200
400
600
800
1000
-40°C
+25°C
+85°C
Frequency (MHz)
6
7
8
9
10
11
0
200
400
600
800
1000
-40°C
+25°C
+85°C
Frequency (MHz)
1
2
3
4
5
0
200
400
600
800
1000
In to Out 1
In to Out 2
In to Out 3
Frequency (MHz)
0
10
20
30
40
0
200
400
600
800
1000
Out 1 to Out 3
Out 1 to Out2
Out 2 to Out 3
Frequency (MHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com