Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC2F35E2 Datasheet(PDF) 7 Page - Megawin Technology Co., Ltd

Part # MPC2F35E2
Description  Low-speed USB micro-controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC2F35E2 Datasheet(HTML) 7 Page - Megawin Technology Co., Ltd

Back Button MPC2F35E2 Datasheet HTML 3Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 4Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 5Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 6Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 7Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 8Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 9Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 10Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 11Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
MEGAWIN
MPC2F35_USB Data Sheet
7
Special Function Register (SFR)
The address 00C0H to 00FFH and 0200H to 027FH are reserved for the special function registers
(SFR). MPC2F35 has 36 SFRs to be used to control or store the status of I/O, timers, system clock and
other peripherals.
Symbol
Address
Description
Initial Value
IRQ_EN
00C1
Interrupt request enable
X
IRQ_ST
00C2
Interrupt request status flag
00
IRQ_CLR
00C3
Interrupt request clear
00
TM0
00C5
Timer 0
00
TM0_CTL
00C6
Timer 0 control
00
P0_BUF
00D0
Port 0 output buffer
00
P1_BUF
00D1
Port 1 output buffer
00
P2_BUF
00D2
Port 2 output buffer
00
P3_BUF
00D3
Port 3 output buffer
00
P4_BUF
00D4
Port 4 output buffer
00
P0
00D8
Port 0 pad value
X
P1
00D9
Port 1 pad value
X
P2
00DA
Port 2 pad value
X
P3
00DB
Port 3 pad value
X
P4
00DC
Port 4 pad value
X
WDT_ST
00DE
Watchdog timer status flag
00
WDT_CLR
00DF
Watchdog clear
X
USB_CTL
00E0
USB bus control
00
USB_ADDR
00E1
USB register address
00
USB_DI / USB_DO
00E2
USB register data buffer
00
DPM_CTL
00E8
USB bus mode control
00
DPMO
00E9
USB bus output for the PS/2 mode
00
DPMI
00EA
USB bus value for the PS/2 mode
X
PWR_CTL
0200
Power-saving control
00
FCPU_SR
0201
FCPU selector
00
RLH_EN
0202
Release the halt mode enable
00
P0_CR
0240
Port 0 control register
00
P0_MR
0241
Port 0 mode register
00
P1_CR
0244
Port 1 control register
00
P1_MR
0245
Port 1 mode register
00
P2_CR
0248
Port 2 control register
00
P2_MR
0249
Port 2 mode register
00
P3_CR
024C
Port 3 control register
00
P3_MR
024D
Port 3 mode register
00
P4_CR
0250
Port 4 control register
00
P4_MR
0251
Port 4 mode register
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com