Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC2F35E2 Datasheet(PDF) 13 Page - Megawin Technology Co., Ltd

Part # MPC2F35E2
Description  Low-speed USB micro-controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC2F35E2 Datasheet(HTML) 13 Page - Megawin Technology Co., Ltd

Back Button MPC2F35E2 Datasheet HTML 9Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 10Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 11Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 12Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 13Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 14Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 15Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 16Page - Megawin Technology Co., Ltd MPC2F35E2 Datasheet HTML 17Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
MEGAWIN
MPC2F35_USB Data Sheet
13
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
W
00D1H
P1_BUF
BP17
BP16
BP15
BP14
BP13
BP12
BP11
BP10
√
√
00D9H
P1
P17
P16
P15
P14
P13
P12
P11
P10
√
-
0244H
P1_CR
CP17
CP16
CP15
CP14
CP13
CP12
CP11
CP10
√
√
0245H
P1_MR
-
-
MP15
MP14
-
-
MP11
MP10
√
√
Port 1 is an 8-bit I/O port. Its structure is the same with Port 0, and refers to Port 0 for more information.
P1_BUF: Port 1 output buffer. When P1.n is configured as an output pin, it outputs the content
of P1_BUF.n.
P1: Values on Port 1 pins while reading from Port 1.
P1_CR: Configure P1.0 ~ P1.7 to be input or output individually. 0: input, 1: output
P1_MR: Configure the output mode of P1.0 ~ P1.7 with a 17k ohm pull-high resistor, CMOS
or NMOS open drain
Port 2
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
W
00D2H
P2_BUF
BP27
BP26
BP25
BP24
BP23
BP22
BP21
BP20
√
√
00DAH
P2
P27
P26
P25
P24
P23
P22
P21
P20
√
-
0248H
P2_CR
CP27
CP26
CP25
CP24
CP23
CP22
CP21
CP20
√
√
0249H
P2_MR
-
-
MP25
MP24
-
-
MP21
MP20
√
√
Port 2 is an 8-bit I/O port, its structure is the same with Port 0 and refers to Port 0 for more information.
P2_BUF: Port 2 output buffer. When P2.n is configured as an output pin, it outputs the content
of P2_BUF.n.
P2: Values on Port 2 pins while reading from Port 2.
P2_CR: Configure P2.0 ~ P2.7 to be input or output individually. 0: input, 1: output
P2_MR: Configure the output mode of P2.0 ~ P2.7 with a 17k ohm pull-high resistor, CMOS
or NMOS open drain
Port 3
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R
W
00D3H
P3_BUF
BP37
BP36
BP35
BP34
BP33
BP32
BP31
BP30
√
√
00D9H
P3
P37
P36
P35
P34
P33
P32
P31
P30
√
-
0244H
P3_CR
CP37
CP36
CP35
CP34
CP33
CP32
CP31
CP30
√
√
0245H
P3_MR
-
-
MP35
MP34
-
-
MP31
MP30
√
√
Port 3 is an 8-bit I/O port, its structure is the same with Port 0 and refers to Port 0 for more information.
P3_BUF: Port 3 output buffer. When P3.n is configured as an output pin, it outputs the content
of P3_BUF.n.
P3: Values on Port 3 pins while reading from Port 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com