Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC82L52AS Datasheet(PDF) 49 Page - Megawin Technology Co., Ltd

Part # MPC82L52AS
Description  8-bit micro-controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC82L52AS Datasheet(HTML) 49 Page - Megawin Technology Co., Ltd

Back Button MPC82L52AS Datasheet HTML 45Page - Megawin Technology Co., Ltd MPC82L52AS Datasheet HTML 46Page - Megawin Technology Co., Ltd MPC82L52AS Datasheet HTML 47Page - Megawin Technology Co., Ltd MPC82L52AS Datasheet HTML 48Page - Megawin Technology Co., Ltd MPC82L52AS Datasheet HTML 49Page - Megawin Technology Co., Ltd MPC82L52AS Datasheet HTML 50Page - Megawin Technology Co., Ltd MPC82L52AS Datasheet HTML 51Page - Megawin Technology Co., Ltd MPC82L52AS Datasheet HTML 52Page - Megawin Technology Co., Ltd MPC82L52AS Datasheet HTML 53Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
MEGAWIN
MPC82x52A Data Sheet
49
Set the clock rate of the SPI as the frequency of the clock source over 64.
{1,1} :=
Set the clock rate of the SPI as the frequency of the clock source over 128.
There are two extra SFRs make relation with SPI application.
SFR: SPIDAT (SPI Data register)
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0
Data to be transmitted or Data received
The SFR SPIDAT holds the data to be transmitted or the data received.
SFR: SPISTAT (SPI Status register)
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0
SPIF
WCOL
-
-
-
-
-
-
SPIF := SPI transfer completion flag.
When a serial transfer finishes, the SPIF bit is set and an interrupt is generated if both the
ESPI (IE.5) bit and the EA (IE.7) bit are set. If SS is an input and is driven low when SPI is
in master mode with SSIG=0, SPIF will also be set to signal the “mode change”. The SPIF
is cleared in software by “writing 1 to this bit”.
WCOL := SPI Write Collision flag
The WCOL bit is set if the SPI data register SPIDAT is written during a data transfer. The
WCOL flag is cleared in software by “writing 1 to this bit”.
Configure the device to Master/Slave mode
SPEN SSIG
SS
MSTR
Mode
MISO
MOSI SPICLK
Remark
0
X
X
X
SPI disable
GPI/O GPI/O GPI/O
SPI is disabled.
1
0
0
0
Active Salve
output input
input
Selected as slave
1
0
1
0
InActive Slave
Hi-Z
input
input
Not selected.
1
0
0
1→0
slave
output input
input
Convert from Master to
Slave
1
0
1
1
Master
input
output output
SPICLK depends on CPOL
1
1
X
0
Slave
output input
input
Slave
1
1
X
1
Master
input
output output
Master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com