Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC82L52AS Datasheet(PDF) 17 Page - Megawin Technology Co., Ltd

Part # MPC82L52AS
Description  8-bit micro-controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC82L52AS Datasheet(HTML) 17 Page - Megawin Technology Co., Ltd

Back Button MPC82L52AS Datasheet HTML 13Page - Megawin Technology Co., Ltd MPC82L52AS Datasheet HTML 14Page - Megawin Technology Co., Ltd MPC82L52AS Datasheet HTML 15Page - Megawin Technology Co., Ltd MPC82L52AS Datasheet HTML 16Page - Megawin Technology Co., Ltd MPC82L52AS Datasheet HTML 17Page - Megawin Technology Co., Ltd MPC82L52AS Datasheet HTML 18Page - Megawin Technology Co., Ltd MPC82L52AS Datasheet HTML 19Page - Megawin Technology Co., Ltd MPC82L52AS Datasheet HTML 20Page - Megawin Technology Co., Ltd MPC82L52AS Datasheet HTML 21Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
MEGAWIN
MPC82x52A Data Sheet
17
{ISPAS1, ISPAS0}: = ISP-Address-Start
{0,0}: =
Set the ISP start address 1400H.
(ISP code could take 3K bytes)
{0,1}: =
Set the ISP start address 1800H.
(ISP code could take 2K bytes)
{1,0}: =
Set the ISP start address 1C00H.
(ISP code could take 1K bytes)
{1,1}: =
(default)
Express no ISP code.
HWBS: = HardWare-Boot-Selector
0: = (default)
Clearing the bit is to configure the device to boot from ISP program after power-up.
1:=
Setting the bit is to configure the device to boot normally from user’s application program
after power-up.
In fact, the boot entrance is determined by register SWBS from SFR ISPCR ignoring the boot
comes from RST-pin press, software-trigger, or power-up. However, if a boot happens and that
boot comes from power-up action, the device will first load the complement of the HWBS to SWBS,
and decides the boot entrance according to the state of bit SWBS. So the HWBS is named
HardWare Boot Selector. It influence on power-up boot, but not on the boot from RST-pin or
software-trigger.
reserved1:= The bit is reserved for afterward user, and should be left at set.
The user must not clear the bit; otherwise, there could be inadvertent effect impacted on
the device.
SB: = Used to decide if the program code will be Scrambled while it is dumped.
0: =
Code dump from Writer is scrambled.
1: = (default)
Code dump from Writer is transparent.
LOCK: = Used to decide if the program code will be Locked against the popular writer.
0: =
Code dumping from Writer is locked.
1: = (default)
Permit code dumping from general Writers.
NVM register: OR1 (Option Register 1):
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0
-
OR1 [7:1]: = Used to set the boundary of IAP memory
The user’s application program can change only the IAP flash memory, neither of AP flash
memory itself, nor the ISP flash memory. The IAP memory is defined between address scope
OR1 [7:1]*512 and ISP-Address-Start.
Setting the OR1 [7:1] 1111111B means no IAP memory.
NVM register: OR2 (Option Register 2):
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0
reserved1
OSCDN
-
reserved1
-
reserved1
ENROSC
reserved1
reserved1:= The bit is reserved for afterward user, and should be left at set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com