Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0018 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MABACT0018
Description  E-Series 1:4 RF Flux Coupled Transformer 5.0-200 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABACT0018 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MABACT0018 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABACT0018 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABACT0018 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
E-Series 1:4 RF Flux Coupled Transformer
5.0-200 MHz
M/A-COM Products
Release - Rev. V2
MABACT0018
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
•
1:4 Impedance
•
CT on Secondary
•
Surface Mount
•
Available on Tape and Reel.
Description
M/A-COM’s MABACT0018 is a 1:4 RF flux coupled
step-up transformer in a low cost, surface mount
package. Ideally suited for high volume cellular &
wireless applications. Typical applications include
single to balance mode conversion and impedance
matching.
Product Image
Ordering Information
Schematic
Pin No.
Function
1
Secondary
2
Secondary CT
3
Secondary Dot
4
Primary Dot
5
Primary
Case Style: SM-138-A
Dimensions in inches [mm].
Tolerance where not specified: .xx ± .02, .xxx ± .010
Part Number
Package
MABACT0018
2000 piece reel


Similar Part No. - MABACT0018

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0018 MACOM-MABACT0018 Datasheet
181Kb / 3P
1:4 RF flux coupled step-up transformer 5.0 - 200 MHz
logo
M/A-COM Technology Solu...
MABACT0018 MA-COM-MABACT0018 Datasheet
71Kb / 3P
E-Series 1:4 RF Flux Coupled Transformer
MABACT0018 MA-COM-MABACT0018_15 Datasheet
71Kb / 3P
E-Series 1:4 RF Flux Coupled Transformer
More results

Similar Description - MABACT0018

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC1-1T MACOM-ETC1-1T Datasheet
60Kb / 2P
E-Series RF 1:1 Flux Coupled Transformer 0.3 - 200 MHz
MABACT0018 MACOM-MABACT0018 Datasheet
181Kb / 3P
1:4 RF flux coupled step-up transformer 5.0 - 200 MHz
MABAES0060 MACOM-MABAES0060 Datasheet
68Kb / 3P
E-Series RF 1:1 Flux Coupled Transformer 0.3 - 200 MHz
ETC1-1T MACOM-ETC1-1T_1 Datasheet
63Kb / 2P
E-Series RF 1:1 Flux Coupled Transformer 3 - 200 MHz
logo
M/A-COM Technology Solu...
MABAES0060 MA-COM-MABAES0060 Datasheet
82Kb / 2P
E-Series RF 1:1 Flux Coupled Transformer 0.3 - 200 MHz
ETC1-1T MA-COM-ETC1-1T Datasheet
61Kb / 2P
E-Series RF 1:1 Flux Coupled Transformer 3 - 200 MHz
MABAES0031 MA-COM-MABAES0031 Datasheet
81Kb / 2P
E-Series RF 4:1 Flux Coupled Transformer
MABAES0061-V6 MA-COM-MABAES0061-V6 Datasheet
886Kb / 2P
E-Series RF 1:4 Flux Coupled Transformer
MABAES0031 MA-COM-MABAES0031_15 Datasheet
81Kb / 2P
E-Series RF 4:1 Flux Coupled Transformer
MABACT0018 MA-COM-MABACT0018_15 Datasheet
71Kb / 3P
E-Series 1:4 RF Flux Coupled Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com