Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABAES0032 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MABAES0032
Description  Transformer, 1:1 Transmission Line Transformer 5 to 1000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABAES0032 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MABAES0032 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABAES0032 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABAES0032 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Transformer, 1:1 Transmission Line Transformer
5 to 1000 MHz
M/A-COM Products
Rev. V3
MABAES0032
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
MA-COM Technical Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product MA-COM Technical Solutions is
considering for development. Performance is based on target specifications, simulated results, and/
or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product MA-COM Technical Solutions
has under development. Performance is based on engineering tests. Specifications are typical.
Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commit-
ment to produce in volume is not guaranteed.
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
5
204
403
602
801
1000
Frequency (MHz)
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
5
204
403
602
801
1000
Frequency (MHz)
16 0
16 5
170
175
18 0
18 5
19 0
19 5
200
5
204
4 0 3
602
801
1000
Frequency (MHz)
-2 . 0 0
-1. 5 0
-1. 0 0
-0 . 5 0
0. 0 0
0. 5 0
1. 0 0
1. 5 0
2. 0 0
5
204
40 3
6 0 2
8 0 1
1000
Fr e q ue n c y ( M H z )
Typical Performance Curves: TA = 25°C, 0dBm, Z0 = 50Ω, Pin = 0dBm
Insertion Loss 2: (Pin 4 to 3)
Insertion Loss 1: (Pin 4 to 1)
Phase Balance
Amplitude Balance



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com