Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABAES0032 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MABAES0032
Description  Transformer, 1:1 Transmission Line Transformer 5 to 1000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABAES0032 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MABAES0032 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABAES0032 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABAES0032 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Transformer, 1:1 Transmission Line Transformer
5 to 1000 MHz
M/A-COM Products
Rev. V3
MABAES0032
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
MA-COM Technical Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product MA-COM Technical Solutions is
considering for development. Performance is based on target specifications, simulated results, and/
or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product MA-COM Technical Solutions
has under development. Performance is based on engineering tests. Specifications are typical.
Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commit-
ment to produce in volume is not guaranteed.
Features
•
Surface mount
•
1:1 Impedance ratio
•
260°C reflow compatible
•
RoHS* compliant and lead free
•
Available on tape and reel
Description
M/A Com’s MABAES0032 is a 1:1 RF Transmission
Line transformer in a low cost, surface mount pack-
age. Ideally suited for broadband CATV applications.
Typical applications include single to balances mode
conversion and impedance matching.
Ordering Information
Part number
Description
MABAES0032
2000 piece reel
Note: Reference Application Note
M513 for reel size information.
Schematic
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Pin Configuration
Dimensions in inches [mm] Tolerance: .xx ± .02, .xxx ± .010,
unless otherwise stated
Case style: SM-138
Pin no.
Function
1
Secondary dot
2
Not used (Ground)
3
Secondary
4
Primary
5
Primary Dot


Similar Part No. - MABAES0032

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABAES0032 MACOM-MABAES0032 Datasheet
48Kb / 2P
E-Series RF 1:1 Transformer 5 - 1000 MHz
logo
M/A-COM Technology Solu...
MABAES0032 MA-COM-MABAES0032 Datasheet
114Kb / 3P
Transformer, 1:1 Transmission Line Transformer
MABAES0032 MA-COM-MABAES0032_15 Datasheet
114Kb / 3P
Transformer, 1:1 Transmission Line Transformer
More results

Similar Description - MABAES0032

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0044 MACOM-MABACT0044 Datasheet
80Kb / 4P
1:1 Transmission line Transformer 5 - 1000 MHz
MABA-007871-CT1A40 MACOM-MABA-007871-CT1A40 Datasheet
150Kb / 3P
Transformer 1:1 transmission line balun 5 to 3000 MHz
logo
M/A-COM Technology Solu...
MABACT0066 MA-COM-MABACT0066 Datasheet
135Kb / 3P
Transformer, 4:1 transmission line 5 to 1000 MHz
MABACT0043 MA-COM-MABACT0043 Datasheet
131Kb / 3P
1:1 Transmission Line Transformer 5 to 1200 MHz
MABA-007871-CT1A40 MA-COM-MABA-007871-CT1A40 Datasheet
129Kb / 3P
Transformer 1:1 transmission line balun 5 to 3000 MHz
MABA-009092-CT1A40 MA-COM-MABA-009092-CT1A40 Datasheet
137Kb / 3P
1.33:1 Transmission Line Balun Transformer 5 - 1000 MHz
MABA-009231-CT1A4B MA-COM-MABA-009231-CT1A4B Datasheet
128Kb / 3P
Transformer, 1:1 transmission line balun 5 to 1200 MHz
MABA-009691-CT1881 MA-COM-MABA-009691-CT1881 Datasheet
95Kb / 3P
Transformer, 1:1 Transmission Line Transformer 5 to 1200 MHz
MABAES0032 MA-COM-MABAES0032 Datasheet
114Kb / 3P
Transformer, 1:1 Transmission Line Transformer
MABA-007327-CT1A40 MA-COM-MABA-007327-CT1A40_15 Datasheet
180Kb / 4P
Transformer, 1:1 Transmission Line Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com