Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR024A480T012FP Datasheet(PDF) 8 Page - Vicor Corporation

Part # PR024A480T012FP
Description  PRM??Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PR024A480T012FP Datasheet(HTML) 8 Page - Vicor Corporation

Back Button PR024A480T012FP Datasheet HTML 4Page - Vicor Corporation PR024A480T012FP Datasheet HTML 5Page - Vicor Corporation PR024A480T012FP Datasheet HTML 6Page - Vicor Corporation PR024A480T012FP Datasheet HTML 7Page - Vicor Corporation PR024A480T012FP Datasheet HTML 8Page - Vicor Corporation PR024A480T012FP Datasheet HTML 9Page - Vicor Corporation PR024A480T012FP Datasheet HTML 10Page - Vicor Corporation PR024A480T012FP Datasheet HTML 11Page - Vicor Corporation PR024A480T012FP Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Pre-Regulator Module
PR024A480T012FP
vicorpower.com
Rev. 1.1
Page 8 of 13
PIN / CONTROL FUNCTIONS
Figure 14 — VI BRICK PRM pin configuration (viewed from pin side).
+In / -In DC Voltage Ports
The VI BRICK maximum input voltage should not be exceeded. PRMs have
internal over / undervoltage lockout functions that prevent operation
outside of the specified input range. PRMs will turn on when the input
voltage rises above its undervoltage lockout. If the input voltage exceeds
the overvoltage lockout, PRMs will shut down until the overvoltage fault
clears. PC will toggle indicating an out of bounds condition.
+Out / -Out Factorized Voltage Output Ports
These ports provide the Factorized Bus voltage output. The –Out port is
connected internally to the –In port through a current sense resistor. The
PRM has a maximum power and a maximum current rating and is
protected if either rating is exceeded. Do not short –Out to –In.
VC – VTM Control
The VTM Control (VC) port supplies an initial VCC voltage to downstream
VTMs, enabling the VTMs and synchronizing the rise of the VTM output
voltage to that of the PRM. The VC port also provides feedback to the
PRM to compensate for voltage drop due to the VTM output resistance.
The PRM’s VC port should be connected to the VTM VC port. A PRM VC
port can drive a maximum of two (2) VTM VC ports.
PC – Primary Control
The PRM voltage output is enabled when the PC pin is open circuit
(floating). To disable the PRM output voltage, the PC pin is pulled low.
Open collector optocouplers, transistors, or relays can be used to control
the PC pin. When using multiple PRMs in a high power array, the PC ports
must be tied together to synchronize their turn on. During an abnormal
condition the PC pin will pulse (Fig.11) as the PRM initiates a restart cycle.
This will continue until the abnormal condition is rectified. The PC should
not be used as an auxiliary voltage supply, nor should it be switched at a
rate greater than 1 Hz.
TM – Factory Use Only
IL – Current Limit Adjust
The PRM has a preset, maximum, current limit set point. The IL port may
be used to reduce the current limit set point to a lower value. See “adjust-
ing current limits” on page 11.
PR – Parallel Port
The PR port signal, which is proportional to the PRM output power,
supports current sharing of two PRMs. To enable current sharing, PR ports
should be interconnected. Bypass capacitance should be used when
interconnecting PR ports and steps should be taken to minimize coupling
noise into the interconnecting bus. Terminate this port with a 10 k
equivalent resistance to SG, e.g. 10 k for a single PRM, 20 k each for 2
PRMs in parallel, 30 k each for 3 PRMs in parallel etc.. Please consult Vicor
Applications Engineering regarding additional considerations when
paralleling more than two PRMs.
VH – Auxiliary Voltage
VH is a gated (e.g. mirrors PC), non-isolated, nominally 9 Volt, regulated
DC voltage (see “Auxiliary Pins” specifications, on Page 7) that is
referenced to SG. VH may be used to power external circuitry having a
total current consumption of no more than 5 mA under either transient or
steady state conditons including turn-on.
SC – Secondary Control
The load voltage may be controlled by connecting a resistor or voltage
source to the SC port referenced to SG. The slew rate of the output
voltage may be controlled by controlling the rate-of-rise of the voltage at
the SC port (e.g., to limit inrush current into a capacitive load).
SG – Signal Ground
This port provides a low inductance Kelvin connection to –In and should be
used as reference for the OS, CD, SC,VH and IL ports.
OS – Output Set
The application-specific value of the Factorized Bus voltage (Vf) is set by
connecting a resistor between OS and SG. Resistor value selection is shown
in Table 1 on Page 9, and described on Page 10. If no resistor is connected,
the PRM output will be approximately one volt. If set resistor is not collo-
cated with the PRM, a local bypass capacitor of ~200 pF may be required.
CD – Compensation Device
Adaptive Loop control is configured by connecting an external resistor
between the CD port and SG. Selection of an appropriate resistor value
(see Equation 2 on Page 10 and Table 1 on Page 9) configures the PRM to
compensate for voltage drops in the equivalent output resistance of the
VTM and the PRM-VTM distribution bus. If no resistor is connected to CD,
the PRM will be in Local Loop mode and will regulate the
+Out / –Out voltage to a fixed value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com