Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR024A480T012FP Datasheet(PDF) 2 Page - Vicor Corporation

Part # PR024A480T012FP
Description  PRM??Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PR024A480T012FP Datasheet(HTML) 2 Page - Vicor Corporation

  PR024A480T012FP Datasheet HTML 1Page - Vicor Corporation PR024A480T012FP Datasheet HTML 2Page - Vicor Corporation PR024A480T012FP Datasheet HTML 3Page - Vicor Corporation PR024A480T012FP Datasheet HTML 4Page - Vicor Corporation PR024A480T012FP Datasheet HTML 5Page - Vicor Corporation PR024A480T012FP Datasheet HTML 6Page - Vicor Corporation PR024A480T012FP Datasheet HTML 7Page - Vicor Corporation PR024A480T012FP Datasheet HTML 8Page - Vicor Corporation PR024A480T012FP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Parameter
Values
Unit
Notes
+In to -In
-1.0 to 60.0
Vdc
PC to -In
-0.3 to 6.0
Vdc
PR to -In
-0.3 to 9.0
Vdc
IL to -In
-0.3 to 6.0
Vdc
VC to -In
-0.3 to 18.0
Vdc
+Out to -Out
-0.3 to 59
Vdc
SC to -Out
-0.3 to 3.0
Vdc
VH to -Out
-0.3 to 9.5
Vdc
OS to -Out
-0.3 to 9.0
Vdc
CD to -Out
-0.3 to 9.0
Vdc
SG to -Out
100
mA
Continuous output current
2.5
Adc
Continuous output power
120
W
Operating temperature
-40 to +100
°C
T-Grade; baseplate
Storage temperature
-40 to +125
°C
T-Grade
Electrical characteristics apply over the full operating range of input voltage, output load (resistive) and baseplate temperature,
unless otherwise specified. All temperatures refer to the operating temperature at the center of the baseplate.
Absolute Maximum Ratings
SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
Input voltage range
18
24
36
Vdc
Input dV/dt
1
V/µs
Input undervoltage turn-on
15.8
16.5
Vdc
Increases as temperature increases to 17.3 max
Input undervoltage turn-off
13.5
14.1
Vdc
Input overvoltage turn-on
36.3
37.1
Vdc
Input overvoltage turn-off
37.8
38.9
Vdc
Input quiescent current
0.5
1
mA
PC low
Input current
5.2
Adc
Input reflected ripple current
284
mA p-p
See Figures 3 & 4
No load power dissipation
3.82
7.65
W
Internal input capacitance
5
µF
Ceramic
Recommended external input capacitance
1,000
µF
See Figure 4 for input filter circuit.
Source impedance dependent
Input Specifications (Conditions are at 24 Vin, 48 Vf [a], full load, and 25°C ambient unless otherwise specified)
Pre-Regulator Module
PR024A480T012FP
vicorpower.com
Rev. 1.1
Page 2 of 13
Note: Stresses in excess of the maximum ratings can cause permanent damage to the device. Operation of the device is not implied at these or any other conditions
in excess of those given in the specification. Exposure to absolute maximum ratings can adversely affect device reliability.
[a] Vf is factorized bus voltage (see Figure 15).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com