Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT048A080T030TP Datasheet(PDF) 9 Page - Vicor Corporation

Part # VT048A080T030TP
Description  VTM??Current Multiplier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VT048A080T030TP Datasheet(HTML) 9 Page - Vicor Corporation

Back Button VT048A080T030TP Datasheet HTML 3Page - Vicor Corporation VT048A080T030TP Datasheet HTML 4Page - Vicor Corporation VT048A080T030TP Datasheet HTML 5Page - Vicor Corporation VT048A080T030TP Datasheet HTML 6Page - Vicor Corporation VT048A080T030TP Datasheet HTML 7Page - Vicor Corporation VT048A080T030TP Datasheet HTML 8Page - Vicor Corporation VT048A080T030TP Datasheet HTML 9Page - Vicor Corporation VT048A080T030TP Datasheet HTML 10Page - Vicor Corporation VT048A080T030TP Datasheet HTML 11Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Voltage Transformation Module
VT048A080T030FP
vicorpower.com
Rev. 1.0
Page 9 of 11
BEHAVIORAL MODELS
VI BRICK VTM LEVEL 1 DC BEHAVIORAL MODEL FOR 48 V TO 8 V, 30 A
©
VI BRICK VTM LEVEL 2 TRANSIENT BEHAVIORAL MODEL FOR 48 V TO 8 V, 30 A
IQ
+
–
+
VOUT
VIN
V•I
K
+
–
+
–
IOUT
ROUT
–
Figure 13 — This model characterizes the DC operation of the VI BRICK VTM, including the converter transfer function and its losses. The model enables estimates
or simulations of output voltage as a function of input voltage and output load, as well as total converter power dissipation or heat generation.
LIN = 5 nH
+
–
+
–
VOUT
COUT
VIN
V•I
K
+
–
+
–
CIN
IOUT
RCOUT
IQ
ROUT
RCIN
Figure 14 — This model characterizes the AC operation of the VI BRICK VTM including response to output load or input voltage transients or steady state
modulations. The model enables estimates or simulations of input and output voltages under transient conditions, including response to a stepped load
with or without external filtering elements.
©
7.5 m
Ω
1/6 • Vin
1/6 • Iout
67 mA
67 mA
1/6 • Iout
1/6 • Vin
7.5 m
Ω
RCIN
1.3 m
Ω
0.7 nH
2.7 m
Ω
RCOUT
0.2 m
Ω
48 µF
LOUT = 1.6 nH
3.6 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com