Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT048A080T030TP Datasheet(PDF) 1 Page - Vicor Corporation

Part # VT048A080T030TP
Description  VTM??Current Multiplier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VT048A080T030TP Datasheet(HTML) 1 Page - Vicor Corporation

  VT048A080T030TP Datasheet HTML 1Page - Vicor Corporation VT048A080T030TP Datasheet HTML 2Page - Vicor Corporation VT048A080T030TP Datasheet HTML 3Page - Vicor Corporation VT048A080T030TP Datasheet HTML 4Page - Vicor Corporation VT048A080T030TP Datasheet HTML 5Page - Vicor Corporation VT048A080T030TP Datasheet HTML 6Page - Vicor Corporation VT048A080T030TP Datasheet HTML 7Page - Vicor Corporation VT048A080T030TP Datasheet HTML 8Page - Vicor Corporation VT048A080T030TP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Voltage Transformation Module
VT048A080T030FP
vicorpower.com
Rev. 1.0
Page 1 of 11
Product Grade Temperatures (°C)
Grade
Operating
Storage
T =
-40 to +100 -40 to +125
M =
-55 to +100 -65 to +125
Baseplate
F = Slotted flange
T = Transverse heat sink[a]
[a] Contact factory
VTM
TM Current Multiplier
Product Overview
The thermally enhanced VI BRICK VTM current multiplier excels at speed, density and
efficiency to meet the demands of advanced power applications. Combined with the
VI BRICK PRM regulator they create a DC-DC converter with flexibility to provide isolation
and regulation where needed. The PRM can be located with the VTM at the point of load
or remotely in the back plane or on a daughter card.
Applications
• Solid state lighting
• Stadium displays
• Industrial controls
• Avionics
• Underseas
• RF Amplifiers
• Microprocessor and DSP
requiring fast response
•
100°C baseplate operation
•
48 V to 8 V Converter
•
30 A (45.0 A for 1 ms)
•
High density – up to 312 W/in3
•
Small footprint – 1.64 and 2.08 in2
•
Height above board – 0.37 in (9.5 mm)
•
Low weight – 1.10 oz (31.3 g)
•
ZVS / ZCS isolated sine amplitude converter
•
Typical efficiency 96%
•
<1 µs transient response
•
Isolated output
•
No output filtering required
•
Lead free wave solder compatible
•
Agency approvals
Features
VT
048
A
080
T
030
F
P
Output
Voltage
Designator
(=VOUT x10)
Output
Current
Designator
(=IOUT)
Part Numbering
Voltage
Transformation
Module
Input
Voltage
Designator
Package
Size
Pin Style
P = Through hole
Size:
1.91 x 1.09 x 0.37 in
48,6 x 27,7 x 9,5 mm


Similar Part No. - VT048A080T030TP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VT048A080T030FP VICOR-VT048A080T030FP Datasheet
287Kb / 2P
PRM??Regulator and VTM??Current Multiplier Modules
More results

Similar Description - VT048A080T030TP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F015T100 VICOR-V048F015T100 Datasheet
1,013Kb / 11P
VTM Current Multiplier
V048F030T070 VICOR-V048F030T070 Datasheet
892Kb / 11P
VTM Current Multiplier
V048F080T030 VICOR-V048F080T030 Datasheet
773Kb / 11P
VTM Current Multiplier
V048F120T025 VICOR-V048F120T025 Datasheet
1,022Kb / 11P
VTM Current Multiplier
V048F480T006 VICOR-V048F480T006 Datasheet
1Mb / 11P
VTM Current Multiplier
VT048A160T015FP VICOR-VT048A160T015FP Datasheet
881Kb / 11P
VTM??Current Multiplier
VT048A240T012FP VICOR-VT048A240T012FP Datasheet
747Kb / 11P
VTM??Current Multiplier
VTM48E_040_050A00 VICOR-VTM48E_040_050A00 Datasheet
1Mb / 18P
VTM Current Multiplier
VTM48EF012T130A01 VICOR-VTM48EF012T130A01 Datasheet
1Mb / 17P
VTM Current Multiplier
VTD48EF120T025A00 VICOR-VTD48EF120T025A00 Datasheet
2Mb / 18P
VTM Current Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com