Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC048A080T024TP Datasheet(PDF) 2 Page - Vicor Corporation

Part # BC048A080T024TP
Description  BCM??Bus Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BC048A080T024TP Datasheet(HTML) 2 Page - Vicor Corporation

  BC048A080T024TP Datasheet HTML 1Page - Vicor Corporation BC048A080T024TP Datasheet HTML 2Page - Vicor Corporation BC048A080T024TP Datasheet HTML 3Page - Vicor Corporation BC048A080T024TP Datasheet HTML 4Page - Vicor Corporation BC048A080T024TP Datasheet HTML 5Page - Vicor Corporation BC048A080T024TP Datasheet HTML 6Page - Vicor Corporation BC048A080T024TP Datasheet HTML 7Page - Vicor Corporation BC048A080T024TP Datasheet HTML 8Page - Vicor Corporation BC048A080T024TP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Bus Converter Module
BC048A080T024FP
vicorpower.com
Rev. 1.0
Page 2 of 11
Parameter
Values
Unit
Notes
+In to -In
-1.0 to 60
Vdc
+In to -In
100
Vdc
For 100 ms
PC to -In
-0.3 to 7.0
Vdc
+Out to -Out
-0.5 to 16
Vdc
Isolation voltage
2,250
Vdc
Input to output
Output current
39
A
Continuous
Peak output current
45.0
A
For 1 ms
Output power
240
W
Continuous
Peak output power
360
W
For 1 ms
Operating temperature
-40 to +100
°C
T-Grade; baseplate
-55 to +100
°C
M-Grade; baseplate
Storage temperature
-40 to +125
°C
T-Grade
-65 to +125
°C
M-Grade
Electrical characteristics apply over the full operating range of input voltage, output load (resistive) and baseplate temperature,
unless otherwise specified. All temperatures refer to the operating temperature at the center of the baseplate.
Absolute Maximum Ratings
SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
Input voltage range
38
48
55
Vdc
Input dV/dt
1
V/µs
Input undervoltage turn-on
37.4
Vdc
Input undervoltage turn-off
32.0
Vdc
Input overvoltage turn-on
55.5
Vdc
Input overvoltage turn-off
59.5
Vdc
Input quiescent current
2.5
mA
PC low
Inrush current overshoot
5.9
A
Using test circuit in Figure 15; See Figure 1
Input current
5.4
Adc
Input reflected ripple current
120
mA p-p
Using test circuit in Figure 15; See Figure 4
No load power dissipation
3.2
5.0
W
Internal input capacitance
3.6
µF
Internal input inductance
5
nH
Recommended external input capacitance
47
µF
200 nH maximum source inductance; See Figure 15
Input Specifications (Conditions are at 48 Vin, full load, and 25°C ambient unless otherwise specified)
Note: Stresses in excess of the maximum ratings can cause permanent damage to the device. Operation of the device is not implied at these or any other conditions
in excess of those given in the specification. Exposure to absolute maximum ratings can adversely affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com