Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC048A080T024TP Datasheet(PDF) 4 Page - Vicor Corporation

Part # BC048A080T024TP
Description  BCM??Bus Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BC048A080T024TP Datasheet(HTML) 4 Page - Vicor Corporation

  BC048A080T024TP Datasheet HTML 1Page - Vicor Corporation BC048A080T024TP Datasheet HTML 2Page - Vicor Corporation BC048A080T024TP Datasheet HTML 3Page - Vicor Corporation BC048A080T024TP Datasheet HTML 4Page - Vicor Corporation BC048A080T024TP Datasheet HTML 5Page - Vicor Corporation BC048A080T024TP Datasheet HTML 6Page - Vicor Corporation BC048A080T024TP Datasheet HTML 7Page - Vicor Corporation BC048A080T024TP Datasheet HTML 8Page - Vicor Corporation BC048A080T024TP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Bus Converter Module
BC048A080T024FP
vicorpower.com
Rev. 1.0
Page 4 of 11
Parameter
Min
Typ
Max
Unit
Note
Output voltage
6.34
9.16
Vdc
No load
6.04
8.89
Vdc
Full load
Output power
0
240
W
39 - 55 VIN
0
232
W
38 - 55 VIN
Rated DC current
0
39
Adc
POUT ≤ 240 W
Peak repetitive power
360
W
Max pulse width 1ms, max duty cycle 10%,
baseline power 50%
Current share accuracy
5
10
%
See Parallel Operation on Page 8
Efficiency
Half load
95.2
96.0
%
See Figure 5
Full load
95.0
95.8
%
See Figure 5
Internal output inductance
1.6
nH
Internal output capacitance
48
µF
Effective value
Load capacitance
2,300
µF
Output overvoltage setpoint
9.3
Vdc
Output ripple voltage
No external bypass
132
220
mVp-p
See Figures 7 and 9
30 µF bypass capacitor
17
mVp-p
See Figure 8
Short circuit protection set point
42
Adc
Module will shut down
Average short circuit current
0.3
A
Effective switching frequency
3.10
3.20
3.30
MHz
Fixed, 1.6 MHz per phase
Line regulation
K
0.1650
1/6
0.1683
VOUT = K•VIN at no load
Load regulation
ROUT
7.5
10.0
mΩ
Transient response
Voltage overshoot
200
mV
100% load step; See Figures 10 and 11
Response time
200
ns
See Figures 10 and 11
Recovery time
1
µs
See Figures 10 and 11
Output overshoot
Input turn-on
0
mV
No output filter; See Figure 3
PC enable
0
mV
No output filter; See Figure 2
Output turn-on delay
From application of power
270
ms
No output filter; See Figure 3
From release of PC pin
78
ms
No output filter
Output Specifications (Conditions are at 48 Vin, full load, and 25°C ambient unless otherwise specified)
SPECIFICATIONS (CONT.)
Efficiency vs. Output Power
82
84
86
88
90
92
94
96
98
0
30
60
90
120
150
180
210
240
Output Power (W)
Figure 5 — Efficiency vs. output power
Power Dissipation
2
4
6
8
10
12
0
30
60
90
120
150
180
210
240
Output Power (W)
Figure 6 — Power dissipation as a function of output power
OUTPUT WAVEFORMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com