Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW6010G Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW6010G
Description  GaAs SPDT Switch DC - 6.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW6010G Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW6010G Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW6010G Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW6010G Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW6010G Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GaAs SPDT Switch
DC - 6.0 GHz
Rev. V6
MASW6010G
2
•
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
•
India Tel: +91.80.43537383
•
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications 3,4: TA = 25°C, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
DC - 1.0 GHz
DC - 2.0 GHz
DC - 6.0 GHz
dB
—
—
—
—
—
—
0.6
0.8
1.4
Isolation
DC - 1.0 GHz
DC - 2.0 GHz
DC - 6.0 GHz
dB
45
38
22
—
—
—
—
—
—
VSWR
DC - 1.0 GHz
DC - 2.0 GHz
DC - 6.0 GHz
Ratio
—
—
—
—
—
—
1.1:1
1.2:1
1.9:1
Trise, Tfall
10% to 90% RF and 90% to 10% RF
ns
—
2
—
Ton, Toff
50% control to 90% RF, and 50% control to
10% RF
ns
—
4
—
Transients
In-Band
mV
—
10
—
Input P1dB
Above 500 MHz, 0 to -5 V
100 MHz, 0 to -5 V
Above 500 MHz, 0 to -8 V
100 MHz, 0 to -8 V
dBm
—
—
—
—
+27
+21
+33
+26
—
—
—
—
IP2
Two Tone, +5 dBm/Tone, 5 MHz Spacing
Above 500 MHz
100 MHz
dBm
—
—
+68
+62
—
—
IIP3
Two Tone, +5 dBm/Tone, 5 MHz Spacing
Above 500 MHz
100 MHz
dBm
—
—
+46
+40
—
—
Control Voltage
(Complementary Logic)
VIN Low, 0 to -0.2 V
VIN High, -5 V
VIN High, -8 V
µA
—
—
—
—
—
—
20
50
300
3. All specifications apply with 50-ohm impedance connected to all RF ports, 0 and –8 VDC control voltages.
4. Loss changes 0.0025 dB/°C (From –55°C to +85°C).
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Truth Table 5
Control Inputs
Condition of Switch
RF Common to each RF Port
A
B
RF1
RF2
VIN Hi
VIN Low
On
Off
VIN Low
VIN Hi
Off
On
5. VIN Low = 0 to -0.2 V, VIN High = -5 to -8 V.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com