Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW6010G Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MASW6010G
Description  GaAs SPDT Switch DC - 6.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW6010G Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MASW6010G Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW6010G Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW6010G Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW6010G Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GaAs SPDT Switch
DC - 6.0 GHz
Rev. V6
MASW6010G
4
•
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
•
India Tel: +91.80.43537383
•
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Handling Procedures
Permanent damage to the MASW6010G may occur
if the following precautions are not adhered to:
A. Cleanliness
-
The MASW6010G should be
handled in a clean environment.
DO NOT
attempt
to
clean
assembly
after
the
MASW6010G is installed.
B. Static Sensitivity - All die handling equipment
and personnel should be DC grounded.
C. Transients
-
Avoid instrument and power
supply transients while bias is connected to the
MASW6010G.
Use shielded signal and bias
cables to minimize inductive pick-up.
D. Bias - Apply voltage to either control port A/B
or only when the other is grounded.
Neither
port should be allowed to “float”.
E. General Handling - It is recommended that the
MASW6010G chip be handled along the long
side of the die with a sharp pair of bent
tweezers.
DO NOT touch the surface of the
chip with fingers or tweezers.
Mounting
The MASW6010G is back-metalized with Pd/Ni/Au
(100/1,000/30,000Å)
metallization.
It
can
be
die-mounted using Au/Sn eutectic preforms or a
thermally conductive epoxy. The package surface
should be clean and flat before attachment.
Eutectic Die Attach:
A. An 80/20 Au/Sn preform is recommended with
a work surface temperature of approximately
255°C and a tool temperature of 265°C. When
hot 90/10 nitrogen/hydrogen gas is applied,
solder temperature should be approximately
290°C.
B. DO NOT expose the MASW6010G to a
temperature greater than 320°C for more than
20 seconds.
No more than 3 seconds of
scrubbing should be required for attachment.
Epoxy Die Attach:
A. Electrically conductive epoxy must be used.
B. Apply a minimum amount of epoxy and place
the MASW6010G into position.
A thin epoxy
fillet should be visible around the perimeter of
the die.
C. Cure epoxy per manufacturer’s recommended
schedule.
Wire Bonding
A. Ball or wedge bond with 1.0 mil diameter pure
gold wire.
Thermosonic wire bonding with a
nominal stage temperature of 150°C and a ball
bonding force of 40 to 50 grams or wedge
bonding force of 18 to 22 grams is recom-
mended. Ultrasonic energy and time should be
adjusted to the minimum levels to achieve
reliable wirebonds.
B. Wirebonds should be started on the chip and
terminated on the package.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com