Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF136 Datasheet(PDF) 11 Page - M/A-COM Technology Solutions, Inc.

Part # MRF136
Description  The RF MOSFET Line 15W, to 400MHz, 28V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MRF136 Datasheet(HTML) 11 Page - M/A-COM Technology Solutions, Inc.

Back Button MRF136 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MRF136 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MRF136 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MRF136 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MRF136 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MRF136 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MRF136 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MRF136 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MRF136 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
The RF MOSFET Line
15W, to 400MHz, 28V
M/A-COM Products
Released - Rev. 05202009
MRF136
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
RF POWER MOSFET CONSIDERATIONS
DESIGN CONSIDERATIONS
The MRF137 is a RF power N–Channel enhancement-
mode field–effect transistor (FET) designed especially for
VHF power amplifier applications. M/A-COM RF MOS
FETs feature a vertical structure with a planar design, thus
avoiding the processing difficulties associated with V–
groove vertical power FETs.
M/A-COM Application Note AN211A, FETs in Theory and-
Practice, is suggested reading for those not familiar with
the construction and characteristics of FETs.
The major advantages of RF power FETs include high
gain, low noise, simple bias systems, relative immunity
from thermal runaway, and the ability to withstand severely
mismatched loads without suffering damage. Power output
can be varied over a wide range with a low power dc con-
trol signal, thus facilitating manual gain control, ALC and
modulation.
DC BIAS
The MRF137 is an enhancement mode FET and, there-
fore, does not conduct when drain voltage is applied. Drain
current flows when a positive voltage is applied to the gate.
See Figure 10 for a typical plot of drain current versus gate
voltage. RF power FETs require forward bias for optimum
performance.
The value of quiescent drain current (IDQ) is not critical
formany applications. The MRF137 was characterized at
IDQ = 25 mA, which is the suggested minimum value of IDQ.
For special applications such as linear amplification, IDQ
may have to be selected to optimize the critical parameters.
The gate is a dc open circuit and draws no current. There-
fore, the gate bias circuit may generally be just a simple
resistive divider network. Some special applications may
require a more elaborate bias system.
GAIN CONTROL
Power output of the MRF137 may be controlled from
its rated value down to zero (negative gain) by varying the
dc gate voltage. This feature facilitates the design of man-
ual gain control, AGC/ALC and modulation systems. (See
Figure 9.)
AMPLIFIER DESIGN
Impedance matching networks similar to those used
with bipolar VHF transistors are suitable for MRF137. See
M/A-COM Application Note AN721, Impedance Matching
Networks Applied to RF Power Transistors. The higher
input impedance of RF MOS FETs helps ease the task of
broadband network design. Both small signal scattering
parameters and large signal impedances are provided.
While the s–parameters will not produce an exact design
solution for high power operation, they do yield a good first
approximation. This is an additional advantage of RF MOS
power FETs.
RF power FETs are triode devices and, therefore, not
unilateral. This, coupled with the very high gain of the
MRF137, yields a device capable of self oscillation. Stabil-
ity may be achieved by techniques such as drain loading,
input shunt resistive loading, or output to input feedback.
Two port parameter stability analysis with the MRF137 s–
parameters provides a useful tool for selection of loading or
feedback circuitry to assure stable operation. See M/A-
COM Application Note AN215A for a discussion of two port
network theory and stability.
LOW NOISE OPERATION
Input resistive loading will degrade noise performance, and
noise figure may vary significantly with gate driving imped-
ance. A low loss input matching network with its gate im-
pedance optimized for lowest noise is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com