Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-227-PIN Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # SW-227-PIN
Description  GaAs SPDT Switch DC - 4 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-227-PIN Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  SW-227-PIN Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-227-PIN Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-227-PIN Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SW-227-PIN Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
GaAs SPDT Switch
DC - 4 GHz
Rev. V6
SW-226-PIN / -227-PIN / -228-PIN
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Input P1dB
0.5 - 4 GHz, 0 / -5 VDC
0.05 GHz, 0 / -5 VDC
0.5 - 4 GHz, 0 / -8 VDC
0.05 GHz, 0 / -8 VDC
dBm
dBm
dBm
dBm
—
—
—
—
27
21
33
26
—
—
—
—
IP2
For two-tone input power up to +13 dBm
0.5 - 4 GHz
0.05 GHz
dBm
dBm
—
—
68
62
—
—
IP3
For two-tone input power up to +13 dBm
0.5 - 4 GHz
0.05 GHz
dBm
dBm
—
—
46
40
—
—
Control Current
│Vc│ = 0 to 0.2 V
│Vc│ = 5 V (SW-226-PIN, SW-227-PIN)
│Vc│ = 8 V (SW-226-PIN, SW-227-PIN)
│Vc│ = 5 V (SW-228-PIN)
│Vc│ = 8 V (SW-228-PIN)
µA
µA
µA
µA
µA
—
—
—
—
—
—
110
—
50
—
20
—
600
—
300
Electrical Specifications (continued): TA = -55°C to +85°C, Vc = 0 V / -5 V, Z0 = 50 Ω
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
SW-226-PIN and SW-227-PIN
Truth Table
6,7
6. 0 = 0 V to -0.2 V, 1 = -5 V to -8 V
7. For the SW-227-PIN and SW-228-PIN only, when an RF
output is “OFF” it is shorted to case ground.
Control Input
Condition of Switch,
RF Common to each
RF Port
A1
B1
A2
B2
RF1
RF2
1
0
0
1
ON
OFF
0
1
1
0
OFF
ON
SW-228-PIN Truth Table
6,7
Condition of Switch,
RF Common to each
RF Port
A1
B1
RF1
RF2
1
0
ON
OFF
0
1
OFF
ON
Control Input



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com