Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-227-PIN Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

SW-227-PIN Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # SW-227-PIN
Download  SW-227-PIN Download
File Size   87.4 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT Switch DC - 4 GHz

SW-227-PIN Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-227-PIN Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # SW-227-PIN
Download  SW-227-PIN Click to download

File Size   87.4 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT Switch DC - 4 GHz

SW-227-PIN Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


SW-227-PIN Product details

Description
M/A-COM’s SW-226/227/228-PIN are GaAs MMIC SPDT switches packaged in lead-free, surface mount CR-2 ceramic style packages. The SW-226- PIN is a terminated SPDT. The SW-227-PIN offers high isolation. The SW-228-PIN offers low insertion loss. This ceramic switch platform has a common footprint for all three designs. The CR-2 package is hermetically sealed, making these switches ideal for space, military radios, and other environmentally harsh applications.

Features
• Terminated (SW-226-PIN), High Isolation (SW-227-PIN), Low Loss (SW-228-PIN)
• Fast Switching Speed: 6 nS Typical
• Ultra Low DC Power Consumption
• Lead-Free 7-Lead Ceramic Package
• RoHS* Compliant and 260°C Reflow Compatible




Similar Part No. - SW-227-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-227-PIN MACOM-SW-227-PIN Datasheet
141Kb / 4P
GaAs SPDT Switch DC - 4 GHz
logo
M/A-COM Technology Solu...
SW-227-PIN MA-COM-SW-227-PIN Datasheet
638Kb / 5P
GaAs SPDT Switch
More results


Similar Description - SW-227-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW4030G MACOM-MASW4030G Datasheet
162Kb / 2P
GaAs SPDT Switch DC - 4 GHz
SW-226 MACOM-SW-226 Datasheet
89Kb / 2P
GaAs SPDT Switch DC-4 GHz
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
SW-226-PIN MACOM-SW-226-PIN Datasheet
141Kb / 4P
GaAs SPDT Switch DC - 4 GHz
logo
Hexawave, Inc
HWS301 HW-HWS301 Datasheet
116Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS426 HW-HWS426 Datasheet
73Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS450 HW-HWS450 Datasheet
80Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS2702 HW-HWS2702 Datasheet
115Kb / 2P
GaAs DC-2.0 GHz SPDT Switch
logo
Hittite Microwave Corpo...
HMC240A HITTITE-HMC240A Datasheet
259Kb / 6P
GaAs MMIC SPDT SWITCH DC - 4 GHz
HMC240 HITTITE-HMC240_10 Datasheet
152Kb / 6P
GaAs MMIC SPDT SWITCH DC - 4 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com