Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4PBL027 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4PBL027
Description  HMICTM Silicon Beam-Lead PIN Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4PBL027 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4PBL027 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4PBL027 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4PBL027 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4PBL027 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4PBL027 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
HMICTM Silicon Beam-Lead PIN Diodes
Rev. V1
MA4PBL027
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology
Solutions is considering for development. Performance is based on target specifications,
simulated results, and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications
are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be
available. Commitment to produce in volume is not guaranteed.
Case Style ODS-1302
Cathode
side
top
A
B
C
D
E
F
Features
Beam-Lead Device
No Wirebonds Required
Rugged Silicon-Glass Construction
Silicon Nitride Passivation
Polymer Scratch and Impact Protection
Low Parasitic Capacitance and Inductance
Ultra Low Capacitance < 40 fF
Excellent RC Product < 0.10 pS
High Switching Cutoff Frequency > 110 GHz
110 Nanosecond Minority Carrier Lifetime
Driven by Standard +5V TTL PIN Diode Driver
Description
This device is a Silicon-Glass Beam-Lead PIN diode fabricated
with M/A-COM’s patented HMIC
TM
process. This device
features one silicon pedestal embedded in a low loss, low
dispersion glass which supports the beam-leads. The diode is
formed on the top of the pedestal, and airbridges connect the
diode to the beam-leads. The topside is fully encapsulated with
silicon nitride and has an additional polymer layer for scratch
and impact protection. These protective coatings prevent
damage to the junction and the air-bridges during handling and
assembly.
The diodes themselves exhibit low series resistance, low
capacitance, and extremely fast switching speed.
Applications
The ultra low capacitance of this device allows use through W-
band (110 GHz) applications. The low RC product and low
profile of the PIN diodes makes it ideal for use in microwave
and millimeter wave switch designs, where lower insertion loss
and higher isolation are required. The + 10 mA ( low loss state )
and the 0v ( isolation state ) bias of the diodes allows the use a
simple + 5V TTL gate driver. These diodes are used as
switching arrays on radar systems, high-speed ECM circuits,
optical switching networks, instrumentation, and other wideband
multi-throw switch assemblies.
Absolute Maximum Ratings
1
@ TA = +25°C ( Unless otherwise specified )
Parameter
Absolute Maximum
Forward Current
100 mA
Reverse Voltage
90 V
Operating Temperature
-55
°C to +125 °C
Storage Temperature
-55
°C to +150 °C
Junction Temperature
+ 175
°C
RF C.W. Incident Power
30 dBm C.W.
RF & DC Dissipated Power
150 mW
Mounting Temperature
+235
°C for 10
seconds
1. Exceeding these limits may cause permanent damage.


Similar Part No. - MA4PBL027

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4PBL027 MACOM-MA4PBL027 Datasheet
313Kb / 5P
HMICTM Silicon Beam-Lead PIN Diodes
MA4PBL027 MACOM-MA4PBL027 Datasheet
230Kb / 5P
HMIC Silicon Beamlead PIN Diode
logo
M/A-COM Technology Solu...
MA4PBL027 MA-COM-MA4PBL027_15 Datasheet
176Kb / 4P
HMIC Silicon Beam Lead PIN Diode
More results

Similar Description - MA4PBL027

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BXY42BA-S SIEMENS-BXY42BA-S Datasheet
28Kb / 3P
Silicon PIN Diodes (Beam lead version Fast switching)
logo
Advanced Semiconductor
ABL1601A ASI-ABL1601A Datasheet
20Kb / 1P
SILICON BEAM LEAD SCHOTTKY DIODES SERIES TEE
ASB8000 ASI-ASB8000 Datasheet
15Kb / 1P
SILICON BEAM LEAD PIN DIODE
logo
Tyco Electronics
MA4PBL027 MACOM-MA4PBL027 Datasheet
313Kb / 5P
HMICTM Silicon Beam-Lead PIN Diodes
logo
M/A-COM Technology Solu...
MASW-004103-1365 MA-COM-MASW-004103-1365 Datasheet
418Kb / 8P
HMICTM Silicon PIN Diode SP4T Switch
MASW-002103-1363_V7 MA-COM-MASW-002103-1363_V7 Datasheet
285Kb / 8P
HMICTM Silicon PIN Diode SPDT Switch
MASW-011021 MA-COM-MASW-011021 Datasheet
301Kb / 5P
HMICTM Silicon PIN Diode SPDT Switch
MASW-003103-1364 MA-COM-MASW-003103-1364 Datasheet
320Kb / 8P
HMICTM Silicon PIN Diode SP3T Switch
MASW011021 MA-COM-MASW011021_15 Datasheet
301Kb / 5P
HMICTM Silicon PIN Diode SPDT Switch
MA4PBL027 MA-COM-MA4PBL027_15 Datasheet
176Kb / 4P
HMIC Silicon Beam Lead PIN Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com