Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SW110 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SW110
Description  HMIC??Silicon PIN Diode Switches RoHS Compliant
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SW110 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MA4SW110 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SW110 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SW110 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SW110 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SW110 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SW110 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SW110 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4SW110 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
5
HMIC™ Silicon PIN Diode Switches
RoHS Compliant
Rev. V7
MA4SW110
MA4SW210
MA4SW310
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Operation of the MA4SW Series Switches
Operation of the MA4SW series of PIN switches is achieved
by simultaneous application of a negative DC current to the
low loss switching arm J1, J2, or J3, and a positive DC
current to the remaining switching arms as shown in the
bias connection circuits. DC return is achieved via J1. The
control currents should be supplied by constant current
sources. The voltages at these points will not exceed +1.5
volts (1.2 volts typical) at currents up to + 20mA. In the low
loss state, the series diode must be forward biased and the
shunt diode reverse biased. In the isolated arm, the shunt
diode is forward biased and the series diode is reverse
biased.
Driver Connections
MA4SW110
MA4SW210
MA4SW310
Handling Considerations
Cleanliness: These chips should be handled in a clean
environment. .
Electro-Static Sensitivity: The MA4SW Series PIN diode
switches are ESD, Class 1A sensitive (HBM). Proper ESD
precautions should be taken.
Control Level
DC Current @
Condition of
RF Output
J2
J1-J2
-20mA
Low Loss
+20mA
Isolation
Control Level
DC Current @
Condition of
RF Output
Condition of
RF Output
J2
J3
J1-J2
J1-J3
-20mA
+20mA
Low Loss
Isolation
+20mA
-20mA
Isolation
Low Loss
Control Level
DC Current @
Cond. of
RF Output
Cond. of
RF Output
Cond. of
RF Output
J2
J3
J4
J1-J2
J1-J3
J1-J4
-20mA
+20mA
+20mA
Low Loss
Isolation
Isolation
+20mA
-20mA
+20mA
Isolation
Low Loss
Isolation
+20mA
+20mA
-20mA
Isolation
Isolation
Low Loss
MA4SW110 and Bias Connections
1
20nH
20nH
20pF
20pF
20pF
20pF
100
Ω
J2 BIAS
RF OUTPUT
J2
J1
RF INPUT
Switch
Chip
MA4SW210 and Bias Connections
1
J1 RF INPUT
J2 BIAS
J2
RF OUTPUT
J3 BIAS
J3
RF OUTPUT
Switch
Chip
20pF
20pF
20pF
20pF
20pF
20pF
20nH
20nH
20nH
100
Ω
MA4SW310 and Bias Connections
1
J2 BIAS
J2
RF OUTPUT
J4
RF OUTPUT
J1 RF INPUT
J4 BIAS
J3 BIAS
J3
RF OUTPUT
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20nH
20nH
20nH
20nH
100
Ω
Notes:
1. RLC values are for an operation frequency of 2-18GHz and
bias current of ± 20mA per diode.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com