Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SW110 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SW110
Description  HMIC??Silicon PIN Diode Switches RoHS Compliant
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SW110 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MA4SW110 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SW110 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SW110 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SW110 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SW110 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SW110 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SW110 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4SW110 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
6
HMIC™ Silicon PIN Diode Switches
RoHS Compliant
Rev. V7
MA4SW110
MA4SW210
MA4SW310
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Wire Bonding
Thermosonic wedge bonding using 0.003” x 0.00025” ribbon or 0.001” diameter gold wire is recommended. A
heat stage temperature of 150
oC and a force of 18 to 22 grams should be used. If ultrasonic energy is
necessary, it should be adjusted to the minimum level required to achieve a good bond. RF bond wires should
be kept as short as possible.
Chip Mounting
The HMIC switches have Ti-Pt-Au back metal.
They can be die mounted with a gold-tin eutectic solder
preform or conductive epoxy. Mounting surface must be clean and flat.
Eutectic Die Attachment: An 80/20, gold-tin, eutectic solder preform is recommended with a work surface
temperature of 255
oC and a tool tip temperature of 265oC. When hot gas is applied, the temperature at the
chip should be 290
oC. The chip should not be exposed to temperatures greater than 320oC for more than
20 seconds. No more than three seconds should be required for attachment. Solders rich in tin should not be
used.
Epoxy Die Attachment: A minimum amount of epoxy, 1-2 mils thick, should be used to attach chip. A thin
epoxy fillet should be visible around the outer perimeter of the chip after placement. Cure epoxy per product
instructions. Typically 150°C for 1 hour.
MA4SW110 Chip Outline Drawing
1,2
DIM
INCHES
MM
MIN.
MAX.
MIN.
MAX.
A
0.014
0.018
0.35
0.45
B
0.025
0.029
0.64
0.74
C
0.008 REF
0.20 REF
D
0.004
0.006
0.10
0.15
E
0.004 REF
0.10 REF
F
0.003 REF
0.08 REF
G
0.003 REF
0.08 REF
H
0.020 REF
0.52 REF
Notes:
1.
Topside and backside metallization is gold , 2.5µm thick typical.
2.
Yellow areas indicate wire bonding pads



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com