Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP606 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP606
Description  2.5V to 6.0V Micropower CMOS Op Amp
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP606 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP606 Datasheet HTML 5Page - Microchip Technology MCP606 Datasheet HTML 6Page - Microchip Technology MCP606 Datasheet HTML 7Page - Microchip Technology MCP606 Datasheet HTML 8Page - Microchip Technology MCP606 Datasheet HTML 9Page - Microchip Technology MCP606 Datasheet HTML 10Page - Microchip Technology MCP606 Datasheet HTML 11Page - Microchip Technology MCP606 Datasheet HTML 12Page - Microchip Technology MCP606 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
© 2009 Microchip Technology Inc.
DS11177F-page 9
MCP606/7/8/9
Note: Unless otherwise indicated, V
DD = +2.5V to +5.5V, VSS = GND, TA =+25°C, VCM =VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL = 100 kΩ to VL, CL = 60 pF, and CS is tied low.
FIGURE 2-13:
Input Bias Current, Input
Offset Current vs. Ambient Temperature.
FIGURE 2-14:
DC Open-Loop Gain vs.
Load Resistance.
FIGURE 2-15:
CMRR, PSRR vs.
Frequency.
FIGURE 2-16:
Input Bias Current, Input
Offset Current vs. Common Mode Input Voltage.
FIGURE 2-17:
DC Open-Loop Gain vs.
Power Supply Voltage.
FIGURE 2-18:
CMRR, PSRR vs. Ambient
Temperature.
0.1
1
10
100
25 30 35 40 45 50 55 60 65 70 75 80 85
Ambient Temperature (°C)
IB
| IOS |
VDD = 5.5V
VCM = VDD
100
105
110
115
120
125
130
135
1.E+02
1.E+03
1.E+04
1.E+05
Load Resistance (Ω)
VDD = 2.5V
VDD = 5.5V
100
100k
10k
1k
0
20
40
60
80
100
120
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
Frequency (Hz)
PSRR-
PSRR+
CMRR
0.1
1
10
100
1k
10k
-10
0
10
20
30
40
50
60
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Common Mode Input Voltage (V)
IB
IOS
TA = 85°C
VDD = 5.5V
90
100
110
120
130
140
150
0.00.5 1.01.5 2.02.5 3.03.5 4.04.5 5.05.5
Power Supply Voltage (V)
RL = 25 kΩ
75
80
85
90
95
100
-50
-25
0
25
50
75
100
Ambient Temperature (°C)
CMRR
PSRR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com