Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP606 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP606
Description  2.5V to 6.0V Micropower CMOS Op Amp
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP606 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP606 Datasheet HTML 12Page - Microchip Technology MCP606 Datasheet HTML 13Page - Microchip Technology MCP606 Datasheet HTML 14Page - Microchip Technology MCP606 Datasheet HTML 15Page - Microchip Technology MCP606 Datasheet HTML 16Page - Microchip Technology MCP606 Datasheet HTML 17Page - Microchip Technology MCP606 Datasheet HTML 18Page - Microchip Technology MCP606 Datasheet HTML 19Page - Microchip Technology MCP606 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
MCP606/7/8/9
DS11177F-page 16
© 2009 Microchip Technology Inc.
4.2
Rail-to-Rail Output
There are two
specifications
that
describe
the
output-swing capability of the MCP606/7/8/9 family of
op amps. The first specification (Maximum Output
Voltage Swing) defines the absolute maximum swing
that can be achieved under the specified load
conditions. For instance, the output voltage swings to
within 15 mV of the negative rail with a 25 k
Ω load to
VDD/2. Figure 2-23 shows how the output voltage is
limited when the input goes beyond the linear region of
operation.
The second specification that describes the output-
swing capability of these amplifiers (Linear Output
Voltage Range) defines the maximum output swing that
can be achieved while the amplifier still operates in its
linear region. To verify linear operation in this range, the
large-signal DC Open-Loop Gain (AOL) is measured at
points inside the supply rails. The measurement must
meet the specified AOL conditions in the specification
table.
4.3
Capacitive Loads
Driving large capacitive loads can cause stability
problems for voltage-feedback op amps. As the load
capacitance increases, the feedback loop’s phase
margin decreases and the closed-loop bandwidth is
reduced. This produces gain-peaking in the frequency
response, with overshoot and ringing in the step
response. A unity-gain buffer (G = +1) is the most
sensitive to capacitive loads, though all gains show the
same general behavior.
When driving large capacitive loads with these op
amps (e.g., > 60 pF when G = +1), a small series
resistor at the output (RISO in Figure 4-4) improves the
feedback loop’s phase margin (stability) by making the
output load resistive at higher frequencies. The
bandwidth will be generally lower than the bandwidth
with no capacitive load.
FIGURE 4-4:
Output Resistor, RISO
stabilizes large capacitive loads.
Figure 4-5 gives recommended RISO values for
different capacitive loads and gains. The x-axis is the
normalized load capacitance (CL/GN), where GN is the
circuit’s noise gain. For non-inverting gains, GN and the
Signal Gain are equal. For inverting gains, GN is
1+|Signal Gain| (e.g., -1 V/V gives GN =+2V/V).
FIGURE 4-5:
Recommended RISO Values
for Capacitive Loads.
After selecting RISO for your circuit, double-check the
resulting
frequency
response
peaking
and
step
response overshoot. Modify RISO’s value until the
response is reasonable. Bench evaluation and simula-
tions with the MCP606/7/8/9 SPICE macro model are
helpful.
4.4
MCP608 Chip Select
The MCP608 is a single op amp with Chip Select (CS).
When CS is pulled high, the supply current drops to
50 nA (typical) and flows through the CS pin to VSS.
When this happens, the amplifier output is put into a
high-impedance state. By pulling CS low, the amplifier
is enabled. The CS pin has an internal 5 M
Ω (typical)
pull-down resistor connected to VSS, so it will go low if
the CS pins is left floating. Figure 1-1 shows the output
voltage and supply current response to a CS pulse.
4.5
Supply Bypass
With this family of operational amplifiers, the power
supply pin (VDD for single-supply) should have a local
bypass capacitor (i.e., 0.01 µF to 0.1 µF) within 2 mm
for good high-frequency performance. It also needs a
bulk capacitor (i.e., 1 µF or larger) within 100 mm to
provide large, slow currents. This bulk capacitor can be
shared with other nearby analog parts.
VIN
RISO
VOUT
CL
MCP60X
100
1000
10000
10
100
1000
10000
Normalized Load Capacitance; CL/GN (F)
10p
10n
1n
100p
100
10k
1k
GN = +1
GN = +2
GN ≥ +4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com