Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3CB13 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # EC3CB13
Description  15 WATT WIDE INPUT DC-DC CONVERTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

EC3CB13 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  EC3CB13 Datasheet HTML 1Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.00
(50.8)
+OUT
NP*
-OUT
BOTTOM VIEW
+IN
-IN
0.60
(15.2)
0.800
(20.3)
2.00
(50.8)
0.040
DIA.
(1.0)
0.40
(10.2)
max.
2.00
(50.8)
1.65
(41.9)
+IN
+OUT
COM/NP*
-OUT
-IN
0.15
(3.8)
0.15
(3.8)
0.85
(21.6)
0.85
(21.6)
0.04
(1.0)
DIA.
0.22
(5.6)
min.
0.40
(10.2)
max.
0.22
(5.6)
min.
BOTTOM
VIEW
COM.
*NP-NO PIN ON SINGLE OUTPUT MODELS.
0.60
(15.2)
2.00
(50.8)
1.70
(43.2)
0.40
(10.2)
0.60
(15.2)
0.40
(10.2)
0.200
(5.1)
1.00
(25.4)
1.00
(25.4)
Specifications
INPUT SPECIFICATIONS:
Input Voltage Range........................................................................................................................................12V ...........................................................9-18V
24V .........................................................18-36V
48V .........................................................36-72V
Input Filter...........................................................................................................................................................................................................................Pi Type
OUTPUT SPECIFICATIONS:
Voltage Accuracy
Single Output...........................................................................................................................................................................................
±1.0% max.
Dual + Output..........................................................................................................................................................................................
±1.0% max.
Dual - Output...........................................................................................................................................................................................
±3.0% max.
Voltage Balance Dual Output at Full Load............................................................................................................................................................
±1.0% max.
Transient Response
Single 25% Step Load Change.................................................................................................................................................................................<500
µ sec.
Dual FL-1/2L
±1% Error Band.......................................................................................................................................................................................<500µ sec.
Ripple & Noise 20MHz BW................................................................................................................................................................................10mV RMS. max.
75mV p-p max.
Temperature Coefficient............................................................................................................................................................................................
±0.02%/˚C
Short Circuit Protection......................................................................................................................................................................Indefinite & Current Limit
Line Regulation1 Single/Dual Output.....................................................................................................................................................................
±0.2% max.
Load Regulation2 Single/Dual Output...................................................................................................................................................................
±1.0% max.
GENERAL SPECIFICATIONS:
Efficiency.......................................................................................................................................................................................................................See Table
Isolation Voltage.....................................................................................................................................................................................................500 VDC min.
Isolation Resistance.........................................................................................................................................................................................................109ohms
Switching Frequency................................................................................................................................................................................................200KHz, typ.
Operating Temperature Range........................................................................................................................................................................-25
°C to + 71°C
Case Temperature....................................................................................................................................................................................................100˚C max.
Cooling........................................................................................................................................................................................................Free-Air Convection
Storage Temperature Range..........................................................................................................................................................................-40
°C to + 100°C
EMI/RFI.........................................................................................................................................................................Conductive EMI Meet EN55022 Class B
Dimensions........................................................................................................................................................................................................2 x 2 x 0.4 inches
(50.8 x 50.8 x 10.2mm)
Case Material.................................................................................................................................................................................Black Coated Copper With
Non-Conductive Base
Weight......................................................................................................................................................................................................................................57g
62
All Specifications Typical At Nominal Line, Full Load and 25˚C Unless Otherwise Noted.
CASE C
All Dimensions In Inches(mm)
Tolerance .xx=
±.04, .xxx= ±.010
NOTE:
1. Measured From High Line to Low Line
2. Measured From Full Load to 1/4 Full Load
3. Determine the Correct Fuse Size by Calculating the Maximum DC Current Drain at Low Line Input, Maximum Load and Then
Adding 20 to 25% to Get Desired Fuse Size.
4. Alternative Pin Configuration Suffix "S"
15 WATT WIDE INPUT
DC-DC CONVERTERS
EC3CB
EC3CB
S
E
R
I
E
S
Features
•15W Isolated Output
• Regulated Outputs
• 2:1 Input Range
• Pi Input Filter
• Efficiency to 82%
• Continuous Short Circuit Protection
• Six-Sided Shield
• Meets EN55022 Class B, Conducted
• 200KHz Switching Frequency
MODEL
INPUT
OUTPUT
OUTPUT
INPUT CURRENT
% EFF.
CASE
NUMBER
VOLTAGE
VOLTAGE
CURRENT
NO LOAD
FULL LOAD
61
EC3CB01
EC3CB02
EC3CB03
EC3CB04
EC3CB05
EC3CB06
EC3CB07
EC3CB11
EC3CB12
EC3CB13
EC3CB14
EC3CB15
EC3CB16
EC3CB17
EC3CB21
EC3CB22
EC3CB23
EC3CB24
EC3CB25
EC3CB26
EC3CB27
9-18 VDC
18-36 VDC
36-72 VDC
5 VDC
12 VDC
15 VDC
±12 VDC
±15 VDC
±5 VDC
3.3 VDC
5 VDC
12 VDC
15 VDC
±12 VDC
±15 VDC
±5 VDC
3.3 VDC
5 VDC
12 VDC
15 VDC
±12 VDC
±15 VDC
±5 VDC
3.3 VDC
3000 mA
1250 mA
1000 mA
±625 mA
±500 mA
±1500 mA
3000 mA
3000 mA
1250 mA
1000 mA
±625 mA
±500 mA
±1500 mA
3000 mA
3000 mA
1250 mA
1000 mA
±625 mA
±500 mA
±1500 mA
3000 mA
30 mA
30 mA
30 mA
35 mA
35 mA
35 mA
30 mA
15 mA
20 mA
20 mA
25 mA
25 mA
25 mA
15 mA
10 mA
15 mA
15 mA
20 mA
20 mA
20 mA
20 mA
1660 mA
1625 mA
1625 mA
1620 mA
1620 mA
1620 mA
1178 mA
812 mA
772 mA
772 mA
780 mA
780 mA
780 mA
557 mA
390 mA
381 mA
381 mA
386 mA
386 mA
386 mA
271 mA
75
78
78
77
77
77
70
78
81
81
80
80
80
74
80
82
82
81
81
81
76
C/S
C/S
C/S
NOTE: 1. Nominal Input Voltage 12, 24 or 48 VDC
2. Alternative pin-out version. To order, suffix a "S" to the standard model number.
STANDARD PIN CONFIGURATION
ALTERNATIVE PIN CONFIGURATION SUFFIX "S"
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH ■ Sprendlinger Landstr. 115 ■ D-63069 Offenbach/Germany
Tel. +49 69 984047-0 ■ Fax +49 69 984047-77 ■ info@rsg-electronic.de ■
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice
■


Similar Part No. - EC3CB13

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
EC3C CINCON-EC3C Datasheet
274Kb / 2P
EC3C SERIES
logo
Ecliptek Corporation
EC3C-20-30.000M-CL150 ECLIPTEK-EC3C-20-30.000M-CL150 Datasheet
101Kb / 3P
CRYSTAL
EC3C-20-30.000M-CL175 ECLIPTEK-EC3C-20-30.000M-CL175 Datasheet
101Kb / 3P
CRYSTAL
EC3C-20-30.000M-I2 ECLIPTEK-EC3C-20-30.000M-I2 Datasheet
101Kb / 3P
CRYSTAL
EC3C-20-30000M-CL150 ECLIPTEK-EC3C-20-30000M-CL150 Datasheet
101Kb / 3P
CRYSTAL
More results

Similar Description - EC3CB13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WR24D15 ETC1-WR24D15 Datasheet
47Kb / 2P
15 Watt Wide input DC/DC converters
logo
Murata Manufacturing Co...
UEI-15 MURATA-UEI-15 Datasheet
1Mb / 13P
Isolated Wide Input Range 15-Watt DC/DC Converters
MDC_UEI-15W MURATA-MDC_UEI-15W Datasheet
331Kb / 13P
Isolated Wide Input Range 15-Watt DC/DC Converters
logo
RSG Electronic Componen...
EC2EE01 RSG-EC2EE01 Datasheet
49Kb / 1P
15 WATT WIDE INPUT DC-DC CONVERTERS
EC3C01 RSG-EC3C01 Datasheet
773Kb / 1P
15 WATT WIDE INPUT DC-DC CONVERTERS
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15 Datasheet
277Kb / 5P
Isolated Wide Input Range 15-Watt DC/DC Converters
UEI15 MURATA-PS-UEI15_10 Datasheet
401Kb / 14P
Isolated Wide Input Range 15-Watt DC/DC Converters
BEI15 MURATA-PS-BEI15 Datasheet
270Kb / 13P
Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
BEI15 MURATA-BEI15_11 Datasheet
255Kb / 13P
Isolated Wide Input Bipolar 15-Watt DC/DC Converters
UEI15 MURATA-UEI15_11 Datasheet
700Kb / 16P
Isolated Wide Input Range 15-Watt DC/DC Converters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com