Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BHx Datasheet(PDF) 103 Page - STMicroelectronics

Part # ST7263BHx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BHx Datasheet(HTML) 103 Page - STMicroelectronics

Back Button ST7263BHx Datasheet HTML 99Page - STMicroelectronics ST7263BHx Datasheet HTML 100Page - STMicroelectronics ST7263BHx Datasheet HTML 101Page - STMicroelectronics ST7263BHx Datasheet HTML 102Page - STMicroelectronics ST7263BHx Datasheet HTML 103Page - STMicroelectronics ST7263BHx Datasheet HTML 104Page - STMicroelectronics ST7263BHx Datasheet HTML 105Page - STMicroelectronics ST7263BHx Datasheet HTML 106Page - STMicroelectronics ST7263BHx Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 186 page
background image
ST7263Bxx
On-chip peripherals
Doc ID 7516 Rev 8
103/186
Control register (CTLR)
Reset value: 0000 0110 (06h)
Device Address register (DADDR)
Reset value: 0000 0000 (00h)
7
0
0
0
0
0
RESUME
PDWN
FSUSP
FRES
Read/write
[7:4] Reserved. Forced by hardware to 0.
3 RESUME Resume.
This bit is set by software to wakeup the Host when the ST7 is in suspend mode.
0: Resume signal not forced
1: Resume signal forced on the USB bus.
Software should clear this bit after the appropriate delay.
2 PDWN Power down.
This bit is set by software to turn off the 3.3 V on-chip voltage regulator that
supplies the external pull-up resistor and the transceiver.
0: Voltage regulator on
1: Voltage regulator off
Note: After turning on the voltage regulator, software should allow at least 3 µs for
stabilization of the power supply before using the USB interface.
1 FSUSP Force suspend mode.
This bit is set by software to enter Suspend mode. The ST7 should also be halted
allowing at least 600 ns before issuing the HALT instruction.
0: Suspend mode inactive
1: Suspend mode active
When the hardware detects USB activity, it resets this bit (it can also be reset by
software).
0 FRES Force reset.
This bit is set by software to force a reset of the USB interface, just as if a RESET
sequence came from the USB.
0: Reset not forced
1: USB interface reset forced.
The USB is held in RESET state until software clears this bit, at which point a “USB-
RESET” interrupt will be generated if enabled.
7
0
0
ADD6
ADD5
ADD4
ADD3
ADD2
ADD1
ADD0
Read.write
7 Reserved. Forced by hardware to 0.
[6:0] ADD[6:0] Device address, 7 bits.
Software must write into this register the address sent by the host during
enumeration.
Note: This register is also reset when a USB reset is received from the USB bus or
forced through bit FRES in the CTLR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com