Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BHx Datasheet(PDF) 105 Page - STMicroelectronics

Part # ST7263BHx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BHx Datasheet(HTML) 105 Page - STMicroelectronics

Back Button ST7263BHx Datasheet HTML 101Page - STMicroelectronics ST7263BHx Datasheet HTML 102Page - STMicroelectronics ST7263BHx Datasheet HTML 103Page - STMicroelectronics ST7263BHx Datasheet HTML 104Page - STMicroelectronics ST7263BHx Datasheet HTML 105Page - STMicroelectronics ST7263BHx Datasheet HTML 106Page - STMicroelectronics ST7263BHx Datasheet HTML 107Page - STMicroelectronics ST7263BHx Datasheet HTML 108Page - STMicroelectronics ST7263BHx Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 186 page
background image
ST7263Bxx
On-chip peripherals
Doc ID 7516 Rev 8
105/186
Endpoint n register B (EPnRB)
These registers (EP1RB and EP2RB) are used for controlling data reception on Endpoints 1
and 2. They are also reset by the USB bus reset.
Note:
Endpoint 2 and the EP2RB register are not available on some devices (see device feature
list and register map).
Reset value: 0000 xxxx (0xh)
7
0
CTRL
DTOG
_RX
STAT
_RX1
STAT
_RX0
EA3
EA2
EA1
EA0
Read.write
7 CTRL Control.
This bit should be 0.
Note: If this bit is 1, the Endpoint is a control endpoint. (Endpoint 0 is always a
control Endpoint, but it is possible to have more than one control Endpoint).
6 DTOG_RX Data toggle, for reception transfers.
It contains the expected value of the toggle bit (0=DATA0, 1=DATA1) for the next
data packet. This bit is cleared by hardware in the first stage (Setup Stage) of a
control transfer (SETUP transactions start always with DATA0 PID). The receiver
toggles DTOG_RX only if it receives a correct data packet and the packet’s data
PID matches the receiver sequence bit.
[5:4] STAT_RX [1:0] Status bits, for reception transfers.
These bits contain the information about the endpoint status, which are listed in
Table 35.
These bits are written by software. Hardware sets the STAT_RX bits to NAK when a
correct transfer has occurred (CTR=1) related to an OUT or SETUP transaction
addressed to this endpoint, so the software has the time to elaborate the received
data before acknowledging a new transaction.
[3:0] EA[3:0] Endpoint address.
Software must write in this field the 4-bit address used to identify the transactions
directed to this endpoint. Usually EP1RB contains “0001” and EP2RB contains
“0010”.
Table 35.
STAT_RX bit definition
STAT_RX1
STAT_RX0
Meaning
00
DISABLED: reception transfers cannot be
executed.
01
STALL: the endpoint is stalled and all reception
requests result in a STALL handshake.
10
NAK: the endpoint is naked and all reception
requests result in a NAK handshake.
11
VALID: this endpoint is enabled for reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com