Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BEx Datasheet(PDF) 115 Page - STMicroelectronics

Part # ST7263BEx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BEx Datasheet(HTML) 115 Page - STMicroelectronics

Back Button ST7263BEx Datasheet HTML 111Page - STMicroelectronics ST7263BEx Datasheet HTML 112Page - STMicroelectronics ST7263BEx Datasheet HTML 113Page - STMicroelectronics ST7263BEx Datasheet HTML 114Page - STMicroelectronics ST7263BEx Datasheet HTML 115Page - STMicroelectronics ST7263BEx Datasheet HTML 116Page - STMicroelectronics ST7263BEx Datasheet HTML 117Page - STMicroelectronics ST7263BEx Datasheet HTML 118Page - STMicroelectronics ST7263BEx Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 186 page
background image
ST7263Bxx
On-chip peripherals
Doc ID 7516 Rev 8
115/186
Figure 48.
Transfer sequencing
1.
Legend:
S=Start, P=Stop, A=Acknowledge, NA=Non-acknowledge
EVx=Event (with interrupt if ITE=1)EV1: EVF=1, ADSL=1, cleared by reading the SR1 register.
EV2: EVF=1, BTF=1, cleared by reading the SR1 register followed by reading the DR
register.
EV3: EVF=1, BTF=1, cleared by reading the SR1 register followed by writing the DR
register.
EV3-1: EVF=1, AF=1, BTF=1; AF is cleared by reading the SR1 register. The BTF is cleared
by releasing the lines (STOP=1, STOP=0) or by writing the DR register (DR=FFh).
Note: If lines are released by STOP=1, STOP=0, the subsequent EV4 is not seen.
EV4: EVF=1, STOPF=1, cleared by reading the SR2 register.
EV5: EVF=1, SB=1, cleared by reading the SR1 register followed by writing the DR register.
EV6: EVF=1, cleared by reading the SR1 register followed by writing the CR register
(for example PE=1).
EV7: EVF=1, BTF=1, cleared by reading the SR1 register followed by reading the DR
register.
EV8: EVF=1, BTF=1, cleared by reading the SR1 register followed by writing the DR
register.
Table 37.
Slave receiver
S
Addres
s
A
Data1
A
Data2
A
.....
DataN
A
P
EV
1
EV
2
EV
2
EV
2
EV
4
Table 38.
Slave Transmitter
S
Addres
s
A
Data1
A
Data2
A
.....
DataN
N
A
P
EV
1
EV
3
EV
3
EV
3
EV3
-1
EV
4
Table 39.
Master receiver
S
Addres
s
A
Data1
A
Data2
A
.....
DataN
N
A
P
EV
5
EV
6
EV
7
EV
7
EV
7
Table 40.
Master Transmitter
S
Addres
s
A
Data1
A
Data2
A
.....
DataN
A
P
EV
5
EV
6
EV
8
EV
8
EV
8
EV
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com